Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDF9N60TH Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDF9N60TH
Description  N-Channel MOSFET 600V, 9A, 0.75(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF9N60TH Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDF9N60TH Datasheet HTML 1Page - MagnaChip Semiconductor. MDF9N60TH Datasheet HTML 2Page - MagnaChip Semiconductor. MDF9N60TH Datasheet HTML 3Page - MagnaChip Semiconductor. MDF9N60TH Datasheet HTML 4Page - MagnaChip Semiconductor. MDF9N60TH Datasheet HTML 5Page - MagnaChip Semiconductor. MDF9N60TH Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Nov 2009. Version 2.2
MagnaChip Semiconductor Ltd
.
1
Absolute Maximum Ratings (Ta = 25
oC)
Characteristics
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
600
V
Drain-Source Voltage @ Tjmax
VDSS @ Tjmax
660
V
Gate-Source Voltage
VGSS
±30
V
TC=25
oC
9.0
A
Continuous Drain Current (※)
TC=100
oC
ID
5.7
A
Pulsed Drain Current
(1)
IDM
32
A
TC=25
oC
48
Power Dissipation
Derate above 25
oC
PD
0.38
W
W/
oC
Repetitive Avalanche Energy EAR
(1)
EAR
4.8
mJ
Peak Diode Recovery dv/dt
(3)
Dv/dt
4.5
V/ns
Single Pulse Avalanche Energy
(4)
EAS
480
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~150
oC
※ Id limited by maximum junction temperature
Thermal Characteristics
Characteristics
Symbol
Rating
Unit
Thermal Resistance, Junction-to-Ambient
(1)
RθJA
62.5
Thermal Resistance, Junction-to-Case
(1)
RθJC
2.62
oC/W
MDF9N60
N-Channel MOSFET 600V, 9A, 0.75Ω
General Description
The
MDF9N60
uses
advanced
MagnaChip’s
MOSFET
Technology, which provides low on-state resistance, high
switching performance and excellent quality.
MDF9N60 is suitable device for SMPS, high Speed switching
and general purpose applications.
Features
VDS = 600V
VDS = 660V
@ Tjmax
ID = 9.0A
@ VGS = 10V
RDS(ON) ≤ 0.75
@ VGS = 10V
Applications
Power Supply
PFC
High Current, High Speed Switching
S
D
G


Similar Part No. - MDF9N60TH

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDF9N60TH ISC-MDF9N60TH Datasheet
323Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - MDF9N60TH

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCP9N60N FAIRCHILD-FCP9N60N Datasheet
911Kb / 10P
N-Channel MOSFET 600V, 9A, 0.385廓
logo
Taiwan Semiconductor Co...
TSM60N750 TSC-TSM60N750 Datasheet
812Kb / 7P
600V, 6A, 0.75 N-Channel Power MOSFET
logo
MagnaChip Semiconductor...
MDF9N60B MGCHIP-MDF9N60B Datasheet
787Kb / 6P
N-Channel MOSFET 600V, 9A, 0.80(ohm)
MDFS10N60D MGCHIP-MDFS10N60D Datasheet
942Kb / 6P
N-Channel MOSFET 600V, 10A, 0.75(ohm)
MDP9N60 MGCHIP-MDP9N60 Datasheet
991Kb / 6P
N-Channel MOSFET 600V, 9A, 0.75(ohm)
MMD60R750P MGCHIP-MMD60R750P Datasheet
1Mb / 10P
600V 0.75(ohm) N-channel MOSFET
MMD70R750P MGCHIP-MMD70R750P Datasheet
1Mb / 10P
700V 0.75(ohm) N-channel MOSFET
MMF60R750P MGCHIP-MMF60R750P Datasheet
1Mb / 10P
600V 0.75(ohm) N-channel MOSFET
MMP60R750P MGCHIP-MMP60R750P Datasheet
1Mb / 10P
600V 0.75(ohm) N-channel MOSFET
MMIS60R750P MGCHIP-MMIS60R750P Datasheet
1Mb / 10P
600V 0.75(ohm) N-channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com