Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLU024N Datasheet(PDF) 1 Page - International Rectifier

Part # IRLU024N
Description  HEXFET Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLU024N Datasheet(HTML) 1 Page - International Rectifier

  IRLU024N Datasheet HTML 1Page - International Rectifier IRLU024N Datasheet HTML 2Page - International Rectifier IRLU024N Datasheet HTML 3Page - International Rectifier IRLU024N Datasheet HTML 4Page - International Rectifier IRLU024N Datasheet HTML 5Page - International Rectifier IRLU024N Datasheet HTML 6Page - International Rectifier IRLU024N Datasheet HTML 7Page - International Rectifier IRLU024N Datasheet HTML 8Page - International Rectifier IRLU024N Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HEXFET® Power MOSFET
S
D
G
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
3.3
RθJA
Case-to-Ambient (PCB mount)**
–––
50
°C/W
RθJA
Junction-to-Ambient
–––
110
Thermal Resistance
VDSS = 55V
RDS(on) = 0.065Ω
ID = 17A
Description
2/10/00
www.irf.com
1
l Logic-Level Gate Drive
l Surface Mount (IRLR024N)
l Straight Lead (IRLU024N)
l Advanced Process Technology
l Fast Switching
l Fully Avalanche Rated
Fifth Generation HEXFET® Power MOSFETs from International Rectifier
utilize advanced processing techniques to achieve the lowest possible on-
resistance per silicon area. This benefit, combined with the fast switching
speed and ruggedized device design that HEXFET power MOSFETs are well
known for, provides the designer with an extremely efficient device for use in
a wide variety of applications.
The D-PAK is designed for surface mounting using vapor phase, infrared, or
wave soldering techniques. The straight lead version (IRFU series) is for
through-hole mounting applications. Power dissipation levels up to 1.5 watts
are possible in typical surface mount applications.
** When mounted on 1" square PCB (FR-4 or G-10 Material ) .
For recommended footprint and soldering techniques refer to application note #AN-994
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
17
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
12
A
IDM
Pulsed Drain Current

72
PD @TC = 25°C
Power Dissipation
45
W
Linear Derating Factor
0.3
W/°C
VGS
Gate-to-Source Voltage
± 16
V
EAS
Single Pulse Avalanche Energy
‚
68
mJ
IAR
Avalanche Current

11
A
EAR
Repetitive Avalanche Energy

4.5
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
PD- 91363E
D-Pak
I-Pak
IRLR024N
IRLU024N
IRLR024N
IRLU024N


Similar Part No. - IRLU024N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLU024N IRF-IRLU024N Datasheet
173Kb / 11P
Logic-Level Gate Drive
logo
Kersemi Electronic Co.,...
IRLU024N KERSEMI-IRLU024N Datasheet
939Kb / 10P
Logic-Level Gate Drive
logo
Inchange Semiconductor ...
IRLU024N ISC-IRLU024N Datasheet
246Kb / 2P
isc N-Channel MOSFET Transistor
logo
International Rectifier
IRLU024NPBF IRF-IRLU024NPBF Datasheet
304Kb / 10P
HEXFET Power MOSFET
logo
VBsemi Electronics Co.,...
IRLU024NPBF VBSEMI-IRLU024NPBF Datasheet
995Kb / 7P
N-Channel 60 V (D-S) MOSFET
More results

Similar Description - IRLU024N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com