Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDF10N65BTH Datasheet(PDF) 4 Page - MagnaChip Semiconductor.

Part # MDF10N65BTH
Description  N-Channel MOSFET 650V, 10.0A, 1.0(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF10N65BTH Datasheet(HTML) 4 Page - MagnaChip Semiconductor.

  MDF10N65BTH Datasheet HTML 1Page - MagnaChip Semiconductor. MDF10N65BTH Datasheet HTML 2Page - MagnaChip Semiconductor. MDF10N65BTH Datasheet HTML 3Page - MagnaChip Semiconductor. MDF10N65BTH Datasheet HTML 4Page - MagnaChip Semiconductor. MDF10N65BTH Datasheet HTML 5Page - MagnaChip Semiconductor. MDF10N65BTH Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Jun. 2010 Version 1.2
MagnaChip Semiconductor Ltd.
4
Fig.7 Gate Charge Characteristics
Fig.8 Capacitance Characteristics
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
0
2
4
6
8
10
130V
325V
520V
※ Note : I
D = 8.0A
Q
G, Total Gate Charge [nC]
Fig.10 Transient Thermal Response Curve
10
-1
10
0
10
1
10
2
10
-2
10
-1
10
0
10
1
10
2
1s
10 s
100 s
100 ms
DC
10 ms
1 ms
Operation in This Area
is Limited by R
DS(on)
Single Pulse
T
J=Max rated
T
C=25
℃
V
DS, Drain-Source Voltage [V]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
※ Notes :
Duty Factor, D=t
1/t2
PEAK T
J = PDM * Z
θ JC* Rθ JC(t) + TC
R
Θ JC=2.62℃
/W
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1, Rectangular Pulse Duration [sec]
Fig.9 Maximum Safe Operating Area
1E-5
1E-4
1E-3
0.01
0.1
1
10
0
2000
4000
6000
8000
10000
12000
14000
single Pulse
R
thJC = 2.62
℃
/W
T
C = 25
℃
Pulse Width (s)
Fig.11 Single Pulse Maximum Power
Dissipation
Fig.12 Maximum Drain Current vs. Case
Temperature
25
50
75
100
125
150
0
1
2
3
4
5
6
7
8
T
C, Case Temperature [
℃
]
1
10
0
500
1000
1500
2000
2500
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
※ Notes ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com