Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDF13N50TH Datasheet(PDF) 4 Page - MagnaChip Semiconductor.

Part # MDF13N50TH
Description  N-Channel MOSFET 500V, 13.0 A, 0.5(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF13N50TH Datasheet(HTML) 4 Page - MagnaChip Semiconductor.

  MDF13N50TH Datasheet HTML 1Page - MagnaChip Semiconductor. MDF13N50TH Datasheet HTML 2Page - MagnaChip Semiconductor. MDF13N50TH Datasheet HTML 3Page - MagnaChip Semiconductor. MDF13N50TH Datasheet HTML 4Page - MagnaChip Semiconductor. MDF13N50TH Datasheet HTML 5Page - MagnaChip Semiconductor. MDF13N50TH Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Nov2009. Version 1.2
MagnaChip Semiconductor Ltd
.
4
Fig.7 Gate Charge Characteristics
Fig.8 Capacitance Characteristics
Fig.9 Maximum Safe Operating Area
Fig.10 Maximum Drain Current vs. Case
Temperature
Fig.11 Transient Thermal Response Curve
Fig.12 Single Pulse Maximum Power
Dissipation
25
50
75
100
125
150
0
2
4
6
8
10
12
14
T
C, Case Temperature [
]
℃
1E-5
1E-4
1E-3
0.01
0.1
1
10
0
2000
4000
6000
8000
10000
12000
14000
single Pulse
R
thJC = 3.0
/W
℃
T
C = 25
℃
Pulse Width (s)
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
Notes :
※
Duty Factor, D=t
1/t2
PEAK T
J = PDM * Zθ JC* Rθ JC
(t) + T
C
R
Θ JC=3.0
/W
℃
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1, Rectangular Pulse Duration [sec]
10
-1
10
0
10
1
10
2
10
-2
10
-1
10
0
10
1
10
2
10 µs
100 µs
100 ms
DC
10 ms
1 ms
Operation in This Area
is Limited by R
DS(on)
Single Pulse
T
J=Max rated
T
C=25
℃
V
DS, Drain-Source Voltage [V]
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40
0
2
4
6
8
10
400V
250V
100V
Note : I
※
D = 13.0A
Q
G, Total Gate Charge [nC]
0.1
1
10
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2400
2600
2800
3000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
Notes ;
※
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com