Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MZ2Q-CSSNSKUA Datasheet(PDF) 2 Page - SICK AG

Part # MZ2Q-CSSNSKUA
Description  SENSORS FOR C-SLOT CYLINDERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

MZ2Q-CSSNSKUA Datasheet(HTML) 2 Page - SICK AG

  MZ2Q-CSSNSKUA Datasheet HTML 1Page - SICK AG MZ2Q-CSSNSKUA Datasheet HTML 2Page - SICK AG MZ2Q-CSSNSKUA Datasheet HTML 3Page - SICK AG MZ2Q-CSSNSKUA Datasheet HTML 4Page - SICK AG MZ2Q-CSSNSKUA Datasheet HTML 5Page - SICK AG MZ2Q-CSSNSKUA Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
MZ2Q-CSSNSKUA | MZ2Q-C
SENSORS FOR C-SLOT CYLINDERS
Ordering information
Type
Part no.
MZ2Q-CSSNSKUA
1046234
Other models and accessories
www.sick.com/MZ2Q-C
Detailed technical data
Features
Cylinder type
C-slot
Cylinder types with adapter
SMC rail ECDQ2
SMC rail CDQ2
Housing length
19.5 mm
Output type
NPN
Output function
NO
Electrical wiring
DC 4-wire
Teach-in
✔
Enclosure rating
IP67 1)
1) According to EN 60529.
Mechanics/electronics
Detection zone
0 mm ... 50 mm
Supply voltage
12 V DC ... 30 V DC
Power consumption
≤ 15 mA 1)
Voltage drop
≤ 2.2 V
Continuous current Ia
≤ 100 mA
Protection class
III
For SMC cylinders
✔
Hysteresis, typ.
1 mT
Reproducibility
≤ 0.1 mT 2)
Reverse polarity protection
✔
Short-circuit protection
✔
Power-up pulse protection
✔
Ambient operating temperature
–20 °C ... +75 °C
1) Without load.
2) Ub and Ta constant.
2
MAGNETIC CYLINDER SENSORS | SICK
Online data sheet | 2017-05-04 16:20:10
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com