Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDF1903TH Datasheet(PDF) 2 Page - MagnaChip Semiconductor.

Part # MDF1903TH
Description  Single N-channel Trench MOSFET 100V, 12A, 110m(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF1903TH Datasheet(HTML) 2 Page - MagnaChip Semiconductor.

  MDF1903TH Datasheet HTML 1Page - MagnaChip Semiconductor. MDF1903TH Datasheet HTML 2Page - MagnaChip Semiconductor. MDF1903TH Datasheet HTML 3Page - MagnaChip Semiconductor. MDF1903TH Datasheet HTML 4Page - MagnaChip Semiconductor. MDF1903TH Datasheet HTML 5Page - MagnaChip Semiconductor. MDF1903TH Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Mar. 2016. Version 1.1
MagnaChip Semiconductor Ltd.
2
Ordering Information
Part Number
Temp. Range
Package
Packing
Rohs Status
MDF1903TH
-55~150
oC
TO-220F
Tube
Halogen Free
Electrical Characteristics (TJ =25
oC)
Characteristics
Symbol
Test Condition
Min
Typ
Max
Unit
Static Characteristics
Drain-Source Breakdown Voltage
BVDSS
ID = 250μA, VGS = 0V
100
-
-
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250μA
1.0
2.0
3.0
Drain Cut-Off Current
IDSS
VDS = 80V, VGS = 0V
-
-
1
μA
Gate Leakage Current
IGSS
VGS = ±20V, VDS = 0V
-
-
±0.1
Drain-Source ON Resistance
RDS(ON)
VGS = 10V, ID = 9A
-
90
110
mΩ
VGS = 6.0V, ID = 9A
-
95
115
Forward Transconductance
gfs
VDS = 10V, ID = 9A
-
16
-
S
Dynamic Characteristics
Total Gate Charge
Qg(10V)
VDS = 50.0V, ID = 9A,
VGS = 10V
-
8.8
-
nC
Gate-Source Charge
Qgs
-
1.7
-
Gate-Drain Charge
Qgd
-
2.3
-
Input Capacitance
Ciss
VDS = 25.0V, VGS = 0V,
f = 1.0MHz
-
475
800
pF
Reverse Transfer Capacitance
Crss
-
20
-
Output Capacitance
Coss
-
60
-
Turn-On Delay Time
td(on)
VGS = 10V, VDS = 50V,
ID = 9A , RG = 3.0Ω
-
6.8
-
ns
Rise Time
tr
-
10.6
-
Turn-Off Delay Time
td(off)
-
16.2
-
Fall Time
tf
-
5.5
-
Drain-Source Body Diode Characteristics
Source-Drain Diode Forward Voltage
VSD
IS = 9A, VGS = 0V
-
0.75
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 9A, dl/dt = 100A/μs
-
41
-
ns
Body Diode Reverse Recovery Charge
Qrr
-
68
-
nC
Note :
1.
Surface mounted FR-4 board by JEDEC (jesd51-7)
2.
EAS is tested at starting Tj = 25℃, L = 1.0mH, IAS = 5.5A, VDD = 50V, VGS = 10V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com