Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C8M32S Datasheet(PDF) 21 Page - Alliance Semiconductor Corporation

Part # AS4C8M32S
Description  Fully synchronous operation
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C8M32S Datasheet(HTML) 21 Page - Alliance Semiconductor Corporation

Back Button AS4C8M32S Datasheet HTML 17Page - Alliance Semiconductor Corporation AS4C8M32S Datasheet HTML 18Page - Alliance Semiconductor Corporation AS4C8M32S Datasheet HTML 19Page - Alliance Semiconductor Corporation AS4C8M32S Datasheet HTML 20Page - Alliance Semiconductor Corporation AS4C8M32S Datasheet HTML 21Page - Alliance Semiconductor Corporation AS4C8M32S Datasheet HTML 22Page - Alliance Semiconductor Corporation AS4C8M32S Datasheet HTML 23Page - Alliance Semiconductor Corporation AS4C8M32S Datasheet HTML 24Page - Alliance Semiconductor Corporation AS4C8M32S Datasheet HTML 25Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
AS4C8M32S
Alliance Memory Confidential
20
Rev. 2.0 May /2014
Table 14. Electrical Characteristics and Recommended A.C. Operating Conditions
(VDD = 3.3V±0.3V, TA = -40~85°C) (Note: 5, 6, 7, 8)
Symbol
A.C. Parameter
-6
-75
Unit Note
Min.
Max.
Min.
Max.
tRC
Row cycle time
(same bank)
60
-
67.5
-
tRCD
RAS# to CAS# delay
(same bank)
18
-
22.5
-
tRP
Precharge to refresh/row activate command
(same bank)
18
-
22.5
-
ns
tRRD
Row activate to row activate delay
(different banks)
12
-
15
-
tRAS
Row activate to precharge time
(same bank)
42
100k
45
100k
tWR
Write recovery time
2
-
2
-
tCK
tCCD
CAS# to CAS# Delay time
1
-
1
-
tCK
Clock cycle time
CL* = 2
9
-
10
-
ns
9
CL* = 3
6
-
7.5
-
tCH
Clock high time
2.5
-
2.5
10
tCL
Clock low time
2.5
-
2.5
-
10
tAC
Access time from CLK
(positive edge)
CL* = 2
-
6
-
6
10
CL* = 3
-
5
-
5.4
tOH
Data output hold time
2
-
2
-
9
tLZ
Data output low impedance
1
-
1
-
tHZ
Data output high impedance
-
5
-
5.4
8
tIS
Data/Address/Control Input set-up time
2
-
2
-
10
tIH
Data/Address/Control Input hold time
1
-
1
-
10
tPDE
Power Down Exit set-up time
tIS+ tCK
-
tIS+ tCK
-
tREFI
Average Refresh Interval Time
-
15.6
-
15.6
s
tDAL
Last data in to active latency
5
-
5
-
tCK
tXSR
Exit Self Refresh to Read Command time
tIS+ tRC
-
tIS+ tRC
-
ns
*
CL is CAS Latency.
Note:
1. Stress greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to
the device.
2. All voltages are referenced to VSS. VIH (Max) = 4.6V for pulse width ≤ 3ns. VIL (Min) = -1.0V for pulse
width ≤ 3ns.
3. These parameters depend on the cycle rate and these values are measured by the cycle rate under the
minimum value of tCK and tRC. Input signals are changed one time during every 2 tCK.
4. These parameters depend on the output loading. Specified values are obtained with the output open.
5. Power-up sequence is described in Note 11.
6. A.C. Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com