Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDIS1502TH Datasheet(PDF) 2 Page - MagnaChip Semiconductor.

Part # MDIS1502TH
Description  Single N-channel Trench MOSFET 30V, 45.7A, 8.5m(ohm)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDIS1502TH Datasheet(HTML) 2 Page - MagnaChip Semiconductor.

  MDIS1502TH Datasheet HTML 1Page - MagnaChip Semiconductor. MDIS1502TH Datasheet HTML 2Page - MagnaChip Semiconductor. MDIS1502TH Datasheet HTML 3Page - MagnaChip Semiconductor. MDIS1502TH Datasheet HTML 4Page - MagnaChip Semiconductor. MDIS1502TH Datasheet HTML 5Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
June. 2011. Version 1.2
MagnaChip Semiconductor Ltd
.
2
Ordering Information
Part Number
Temp. Range
Package
Packing
Quantity
Rohs Status
MDIS1502TH
-55~150
oC
TO-251-VS(IPAK)
Tube
75 units /Tube
Halogen Free
Electrical Characteristics (TJ =25
oC)
Characteristics
Symbol
Test Condition
Min
Typ
Max
Unit
Static Characteristics
Drain-Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V
30
-
-
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250µA
1.3
1.9
2.7
Drain Cut-Off Current
IDSS
VDS = 30V, VGS = 0V
-
-
1
µA
TJ=55
oC
-
-
5
Gate Leakage Current
IGSS
VGS = ±20V, VDS = 0V
-
-
±0.1
Drain-Source ON Resistance
RDS(ON)
VGS = 10V, ID = 16A
-
7.4
8.5
m
TJ=125
oC
-
10.7
12.3
VGS = 4.5V, ID = 13A
-
10.8
13.0
Forward Transconductance
gfs
VDS = 5V, ID = 10A
-
25
-
S
Dynamic Characteristics
Total Gate Charge
Qg(10V)
VDS = 15.0V, ID = 16A,
VGS = 10V
10.7
14.3
17.9
nC
Total Gate Charge
Qg(4.5V)
5.0
6.7
8.4
Gate-Source Charge
Qgs
-
2.6
-
Gate-Drain Charge
Qgd
-
2.3
-
Input Capacitance
Ciss
VDS = 15.0V, VGS = 0V,
f = 1.0MHz
696
928
1160
pF
Reverse Transfer Capacitance
Crss
68
90
113
Output Capacitance
Coss
132
176
220
Turn-On Delay Time
td(on)
VGS = 10V, VDS = 15.0V,
ID = 16A , RG = 3.0
-
7.2
-
ns
Rise Time
tr
-
12.0
-
Turn-Off Delay Time
td(off)
-
22.8
-
Fall Time
tf
-
8.1
-
Gate Resistance
Rg
f=1 MHz
-
3.5
5.0
Drain-Source Body Diode Characteristics
Source-Drain Diode Forward Voltage
VSD
IS = 16A, VGS = 0V
-
0.8
1.1
V
Body Diode Reverse Recovery Time
trr
IF = 16A, dl/dt = 100A/µs
-
20.4
30.6
ns
Body Diode Reverse Recovery Charge
Qrr
-
11.9
17.9
nC
Note :
1. Surface mounted FR-4 board by JEDEC (jesd51-7)
2. EAS is tested at starting Tj = 25℃, L = 0.1mH, IAS = 17.0A, VDD = 27V, VGS = 10V.
3. T < 10sec.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com