Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV7021 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV7021
Description  Micro-Package, Micro-Power, Low-Voltage Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV7021 Datasheet(HTML) 5 Page - Texas Instruments

  TLV7021 Datasheet HTML 1Page - Texas Instruments TLV7021 Datasheet HTML 2Page - Texas Instruments TLV7021 Datasheet HTML 3Page - Texas Instruments TLV7021 Datasheet HTML 4Page - Texas Instruments TLV7021 Datasheet HTML 5Page - Texas Instruments TLV7021 Datasheet HTML 6Page - Texas Instruments TLV7021 Datasheet HTML 7Page - Texas Instruments TLV7021 Datasheet HTML 8Page - Texas Instruments TLV7021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
TLV7011, TLV7021
www.ti.com
SLVSDM5 – MAY 2017
Product Folder Links: TLV7011 TLV7021
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.5 Electrical Characteristics
VS = 1.4 V to 5 V, VCM = VS / 2; minimum and maximum values are at TA = –40°C to +125°C (unless otherwise noted).
Typical values are at TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VS = 1.4 V and 5 V, VCM = VS / 2
±3
±8
mV
VHYS
Hysteresis
VS = 1.4 V and 5 V, VCM = VS / 2
2.5
6
14
mV
VCM
Common-mode voltage range
VEE
VCC + 0.1
V
IB
Input bias current
5
pA
IOS
Input offset current
1
pA
VOH
Output voltage high (for
TLV7011 only)
VS = 5 V, IO = 3 mA
4.7
4.8
V
VOL
Output voltage low
VS = 5 V, IO = 3 mA
120
220
mV
ILKG
Open-drain output leakage
current (TLV7021 only)
VS = 5 V, VID = +0.1 V (output high),
VPULLUP = VCC
100
pA
CMRR
Common-mode rejection ratio
VEE < VCM < VCC, VS = 5 V
70
dB
PSRR
Power supply rejection ratio
VS = 1.4 V to 5 V, VCM = VS / 2
78
dB
ISC
Short-circuit current
VS = 5 V, sourcing
65
mA
VS = 5 V, sinking
44
ICC
Supply current
VS = 1.4 V, no load, VID = –0.1 V (Output
Low)
5
10
µA
6.6 Switching Characteristics
Typical values are at TA = 25°C, VCC = 5 V, VCM = 2.5 V; CL = 15 pF, input overdrive = 100 mV (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPHL
Propagation delay time, high-
to-low (RP = 2.5 kΩ TLV7021
only)
Midpoint of input to midpoint of output
0.3
µs
tPLH
Propagation delay time, low-to-
high (RP = 2.5 kΩ TLV7021
only)
Midpoint of input to midpoint of output
0.35
µs
tR
Rise time (for TLV7011 only)
10% to 90%
5
ns
tF
Fall time
10% to 90%
5
ns
tON
Power-up time
20
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com