Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP464 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMP464
Description  High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP464 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP464 Datasheet HTML 3Page - Texas Instruments TMP464 Datasheet HTML 4Page - Texas Instruments TMP464 Datasheet HTML 5Page - Texas Instruments TMP464 Datasheet HTML 6Page - Texas Instruments TMP464 Datasheet HTML 7Page - Texas Instruments TMP464 Datasheet HTML 8Page - Texas Instruments TMP464 Datasheet HTML 9Page - Texas Instruments TMP464 Datasheet HTML 10Page - Texas Instruments TMP464 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
Series Resistance (:)
0
500
1000 1500 2000 2500 3000 3500 4000 4500
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
V+ = 1.8 V
V+ = 3.6 V
Differential Capacitance (nF)
0
2
4
6
8
10
12
14
16
18
20
-40
-35
-30
-25
-20
-15
-10
-5
0
Leakage Resistance (M:)
1
10
100
-40
-30
-20
-10
0
10
20
30
40
D+ to V+
D+ to GND
Device Junction Temperature (°C)
60
-40
40
120
80
100
1
-0.6
-0.4
-0.2
0
0.2
0.4
0.8
0.6
Min Limit
-0.8
-1
Max Limit
Average + 3V
-20
0
20
Average - 3V
Typical Units
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
100
120
-1.5
-1
-0.5
0
0.5
1
1.5
Average + 3V
Average - 3V
Max Limit
Min Limit
Typical Units
Device Junction Temperature (qC)
-50
-25
0
25
50
75
100
125
-1.5
-1
-0.5
0
0.5
1
1.5
Average + 3V
Average - 3V
Max Limit
Min Limit
Typical Units
7
TMP464
www.ti.com
SBOS835 – MAY 2017
Product Folder Links: TMP464
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.7 Typical Characteristics
at TA = 25°C and V+ = 3.6 V (unless otherwise noted)
Typical behavior of 75 devices over temperature at V+ = 1.8 V
Figure 2. Local Temperature Error vs Ambient Temperature
Typical behavior of 75 devices over temperature at V+ = 1.8 V
with the remote diode junction at 150°C.
Figure 3. Remote Temperature Error vs Device Junction
Temperature
Typical behavior of 30 devices over temperature with V+ from 1.8
V to 3.6 V
Figure 4. Remote Temperature Error Power Supply
Sensitivity vs Device Junction Temperature
Figure 5. Remote Temperature Error vs Leakage Resistance
No physical capacitance during measurement
Figure 6. Remote Temperature Error vs Series Resistance
No physical series resistance on D+, D– pins during measurement
Figure 7. Remote Temperature Error vs
Differential Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com