Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C64M8D1 Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # AS4C64M8D1
Description  Fully synchronous operation
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M8D1 Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

Back Button AS4C64M8D1 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C64M8D1 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C64M8D1 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C64M8D1 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C64M8D1 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C64M8D1 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C64M8D1 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C64M8D1 Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4C64M8D1 Datasheet HTML 13Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
AS4C64M8D1
Confidential
8
Rev.
2.0
Oct. /2014
 Addressing Mode Select Field (A3)
The Addressing Mode can be one of two modes, either Interleave Mode or Sequential Mode. Both Sequential
Mode and Interleave Mode support burst length of 2, 4 and 8.
Table 6. Addressing Mode
A3
Addressing Mode
0
Sequential
1
Interleave
Burst Definition, Addressing Sequence of Sequential and Interleave Mode
Table 7. Burst Address ordering
Burst Length
Start Address
Sequential
Interleave
A2
A1
A0
2
X
X
0
0, 1
0, 1
X
X
1
1, 0
1, 0
4
X
0
0
0, 1, 2, 3
0, 1, 2, 3
X
0
1
1, 2, 3, 0
1, 0, 3, 2
X
1
0
2, 3, 0, 1
2, 3, 0, 1
X
1
1
3, 0, 1, 2
3, 2, 1, 0
8
0
0
0
0, 1, 2, 3, 4, 5, 6, 7
0, 1, 2, 3, 4, 5, 6, 7
0
0
1
1, 2, 3, 4, 5, 6, 7, 0
1, 0, 3, 2, 5, 4, 7, 6
0
1
0
2, 3, 4, 5, 6, 7, 0, 1
2, 3, 0, 1, 6, 7, 4, 5
0
1
1
3, 4, 5, 6, 7, 0, 1, 2
3, 2, 1, 0, 7, 6, 5, 4
1
0
0
4, 5, 6, 7, 0, 1, 2, 3
4, 5, 6, 7, 0, 1, 2, 3
1
0
1
5, 6, 7, 0, 1, 2, 3, 4
5, 4, 7, 6, 1, 0, 3, 2
1
1
0
6, 7, 0, 1, 2, 3, 4, 5
6, 7, 4, 5, 2, 3, 0, 1
1
1
1
7, 0, 1, 2, 3, 4, 5, 6
7, 6, 5, 4, 3, 2, 1, 0
 CAS Latency Field (A6~A4)
This field specifies the number of clock cycles from the assertion of the Read command to the first read data.
The minimum whole value of CAS Latency depends on the frequency of CK. The minimum whole value
satisfying the following formula must be programmed into this field.
tCAC(min)
 CAS Latency X tCK
Table 8. CAS Latency
A6
A5
A4
CAS Latency
0
0
0
Reserved
0
0
1
Reserved
0
1
0
2 clocks
0
1
1
3 clocks
1
0
0
Reserved
1
0
1
Reserved
1
1
0
2.5 clocks
1
1
1
Reserved
 Test Mode field (A8~A7)
These two bits are used to enter the test mode and must be programmed to "00" in normal operation.
Table 9. Test Mode
A8
A7
Test Mode
0
0
Normal mode
1
0
DLL Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com