Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9SQL4952BNLGI Datasheet(PDF) 16 Page - Integrated Device Technology

Part # 9SQL4952BNLGI
Description  2-output CK420BQ Derivative
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9SQL4952BNLGI Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button 9SQL4952BNLGI Datasheet HTML 12Page - Integrated Device Technology 9SQL4952BNLGI Datasheet HTML 13Page - Integrated Device Technology 9SQL4952BNLGI Datasheet HTML 14Page - Integrated Device Technology 9SQL4952BNLGI Datasheet HTML 15Page - Integrated Device Technology 9SQL4952BNLGI Datasheet HTML 16Page - Integrated Device Technology 9SQL4952BNLGI Datasheet HTML 17Page - Integrated Device Technology 9SQL4952BNLGI Datasheet HTML 18Page - Integrated Device Technology 9SQL4952BNLGI Datasheet HTML 19Page - Integrated Device Technology 9SQL4952BNLGI Datasheet HTML 20Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
2-OUTPUT CK420BQ DERIVATIVE
16
DECEMBER 12, 2016
9SQL4952 DATASHEET
Recommended Crystal Characteristics (3225 package)
Marking Diagram
Notes:
1. Line 1: truncated part number
2. “I” denotes industrial temperature range device.
3. “YYWW” is the last two digits of the year and week that the part was assembled.
4. “$” denotes mark code.
5. “LOT” is the lot sequence number.
Thermal Characteristics
PARAMETER
VALUE
UNITS
NOTES
Frequency
25
MHz
Resonance Mode
Fundamental
-
Frequency Tolerance @ 25°C
±20
PPM Max
Frequency Stability, ref @ 25°C Over
Operating Temperature Range
±20
PPM Max
Temperature Range (commerical)
0~70
°C
Temperature Range (industrial)
-40~85
°C
Equivalent Series Resistance (ESR)
50
Ω Max
Shunt Capacitance (CO)7
pF Max
Load Capacitance (CL)8
pF Max
Drive Level
0.3
mW Max
Aging per year
±5
PPM Max
952BGI
YYWW$
LOT
PARAMETER
SYMBOL
CONDITIONS
PKG
TYP
VALUE
UNITS NOTES
θJC
Junction to Case
62
°C/W
1
θJb
Junction to Base
5.4
°C/W
1
θJA0
Junction to Air, still air
50
°C/W
1
θJA1
Junction to Air, 1 m/s air flow
43
°C/W
1
θJA3
Junction to Air, 3 m/s air flow
39
°C/W
1
θJA5
Junction to Air, 5 m/s air flow
38
°C/W
1
1ePad soldered to board
Thermal Resistance
NLG24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com