Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9SQL4952BNLGI8 Datasheet(PDF) 15 Page - Integrated Device Technology

Part # 9SQL4952BNLGI8
Description  2-output CK420BQ Derivative
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9SQL4952BNLGI8 Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button 9SQL4952BNLGI8 Datasheet HTML 11Page - Integrated Device Technology 9SQL4952BNLGI8 Datasheet HTML 12Page - Integrated Device Technology 9SQL4952BNLGI8 Datasheet HTML 13Page - Integrated Device Technology 9SQL4952BNLGI8 Datasheet HTML 14Page - Integrated Device Technology 9SQL4952BNLGI8 Datasheet HTML 15Page - Integrated Device Technology 9SQL4952BNLGI8 Datasheet HTML 16Page - Integrated Device Technology 9SQL4952BNLGI8 Datasheet HTML 17Page - Integrated Device Technology 9SQL4952BNLGI8 Datasheet HTML 18Page - Integrated Device Technology 9SQL4952BNLGI8 Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
DECEMBER 12, 2016
15
2-OUTPUT CK420BQ DERIVATIVE
9SQL4952 DATASHEET
SMBus Table: Polarity Control
Byte 18
Name
Control Function
Type
0
1
Default
Bit 7
0
Bit 6
0
Bit 5
OE1_polarity
Sets OE1 polarity
RW
Enabled when Low Enabled when High
0
Bit 4
0
Bit 3
OE0_polarity
Sets OE0 polarity
RW
Enabled when Low Enabled when High
0
Bit 2
0
Bit 1
0
Bit 0
0
SMBus Table: Polarity Control
Byte 19
Name
Control Function
Type
0
1
Default
Bit 7
0
Bit 6
0
Bit 5
0
Bit 4
0
Bit 3
0
Bit 2
0
Bit 1
0
Bit 0
CKPWRGD_PD
Determines
CKPWRGD_PD polarity
RW
Power Down when
Low
Power Down when
High
0
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com