Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9SQL4954BNLGI8 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 9SQL4954BNLGI8
Description  4-output CK420BQ Derivative
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9SQL4954BNLGI8 Datasheet(HTML) 4 Page - Integrated Device Technology

  9SQL4954BNLGI8 Datasheet HTML 1Page - Integrated Device Technology 9SQL4954BNLGI8 Datasheet HTML 2Page - Integrated Device Technology 9SQL4954BNLGI8 Datasheet HTML 3Page - Integrated Device Technology 9SQL4954BNLGI8 Datasheet HTML 4Page - Integrated Device Technology 9SQL4954BNLGI8 Datasheet HTML 5Page - Integrated Device Technology 9SQL4954BNLGI8 Datasheet HTML 6Page - Integrated Device Technology 9SQL4954BNLGI8 Datasheet HTML 7Page - Integrated Device Technology 9SQL4954BNLGI8 Datasheet HTML 8Page - Integrated Device Technology 9SQL4954BNLGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4-OUTPUT CK420BQ DERIVATIVE
4
DECEMBER 12, 2016
9SQL4954 DATASHEET
Test Loads
Alternate Terminations
The 9SQL family can easily drive LVPECL, LVDS, and CML logic. See “AN-891 Driving LVPECL, LVDS, and CML Logic with
IDT's "Universal" Low-Power HCSL Outputs” for details.
Terminations
Zo (Ω)Rs (Ω)
85
0
100
7.5
REF Output
33
REF Output Test Load
4.7pf
Zo = 50 ohms
L = 5 inches
R
R
Low-Power Differential Output Test Load
2pF
2pF
5 inches
Zo=85ohm
Note: The device can drive transmission line lengths greater
than those specified by the PCIe SIG
Rs
Rs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com