Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9SQL4958BNDGI Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 9SQL4958BNDGI
Description  8-output CK420BQ Derivative
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9SQL4958BNDGI Datasheet(HTML) 4 Page - Integrated Device Technology

  9SQL4958BNDGI Datasheet HTML 1Page - Integrated Device Technology 9SQL4958BNDGI Datasheet HTML 2Page - Integrated Device Technology 9SQL4958BNDGI Datasheet HTML 3Page - Integrated Device Technology 9SQL4958BNDGI Datasheet HTML 4Page - Integrated Device Technology 9SQL4958BNDGI Datasheet HTML 5Page - Integrated Device Technology 9SQL4958BNDGI Datasheet HTML 6Page - Integrated Device Technology 9SQL4958BNDGI Datasheet HTML 7Page - Integrated Device Technology 9SQL4958BNDGI Datasheet HTML 8Page - Integrated Device Technology 9SQL4958BNDGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
8-OUTPUT CK420BQ DERIVATIVE
4
OCTOBER 28, 2016
9SQL4958 DATASHEET
Pin Descriptions, cont.
Test Loads
Alternate Terminations
The 9SQL family can easily drive LVPECL, LVDS, and CML logic. See “AN-891 Driving LVPECL, LVDS, and CML Logic with
IDT's "Universal" Low-Power HCSL Outputs” for details.
PIN #
PIN NAME
TYPE
DESCRIPTION
40
GND
GND
Ground pin.
41
BCLK6
OUT
True output of differential BCLK.
42
BCLK6#
OUT
Complement output of differential BCLK.
43
vOE6#
IN
Active low input for enabling output 6. This pin has an internal 120kohm pull-
down.
1 =disable outputs, 0 = enable outputs
44
BCLK7
OUT
True output of differential BCLK.
45
BCLK7#
OUT
Complement output of differential BCLK.
46
vOE7#
IN
Active low input for enabling output 7. This pin has an internal 120kohm pull-
down.
1 =disable outputs, 0 = enable outputs
47
VDDIO
PWR
Power supply for differential outputs
48
^CKPWRGD_PD#
IN
Input notifies device to sample latched inputs and start up on first high
assertion. Low enters Power Down Mode, subsequent high assertions exit
Power Down Mode. This pin has internal 120kohm pull-up resistor.
49
EPAD
GND
Connect to Ground.
REF Output
33
REF Output Test Load
5pF
Zo = 50 ohms
Rs
Rs
Low-Power Differential Output Test Load
2pF
2pF
5 inches
Zo=85ohm
Note: The device can drive transmission line lengths greater
than those specified by the PCIe SIG
Terminations
Zo (Ω)Rs (Ω)
85
0
100
7.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com