Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V1T384 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 74V1T384
Description  SINGLE HIGH SPEED BUS SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V1T384 Datasheet(HTML) 3 Page - STMicroelectronics

  74V1T384 Datasheet HTML 1Page - STMicroelectronics 74V1T384 Datasheet HTML 2Page - STMicroelectronics 74V1T384 Datasheet HTML 3Page - STMicroelectronics 74V1T384 Datasheet HTML 4Page - STMicroelectronics 74V1T384 Datasheet HTML 5Page - STMicroelectronics 74V1T384 Datasheet HTML 6Page - STMicroelectronics 74V1T384 Datasheet HTML 7Page - STMicroelectronics 74V1T384 Datasheet HTML 8Page - STMicroelectronics 74V1T384 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
74V1T384
3/9
DC SPECIFICATIONS
(*) Voltage range is 5V
± 0.5V
AC ELECTRICAL CHARACTERISTICS (CL = 50pF, Input tr = tf = 3ns)
(*) Voltage range is 5.0V
± 0.5V
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
5.0(*)
22
2
V
VIL
Low Level Input
Voltage
5.0(*)
0.8
0.8
0.8
V
VIH
High Level Input
Voltage
4.0
22
2
V
VIL
Low Level Input
Voltage
4.0
0.8
0.8
0.8
V
RON
ON Resistance
4.5
VIC = VIL
VI/O = GND
II/O ≤ 30 mA
710
15
Ω
RON
ON Resistance
4.5
VIC = VIL
VI/O = 2.4V
II/O ≤ 10 mA
20
40
60
Ω
IOFF
Input/Output
Leakage Current
(SWITCH OFF)
5.5
VOS = VCC to GND
VIS = VCC to GND
VIC = VIH
±0.1
± 1
± 10
µA
IIN
Control Input
Leakage Current
0 to
5.5
VIC = 5.5V or GND
± 0.1
± 1.0
± 1.0
µA
ICC
Quiescent Supply
Current
5.5
VI = VCC or GND
110
20
µA
ICC
Additional Worst
Case Supply
Current
5.5
C Input at 3.4V
1.35
1.5
1.5
mA
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPD
Delay Time
5.0(*)
tr = tf = 6ns
0.5
0.8
1.0
2.0
ns
tPLZ
tPHZ
Output Disable
Time
5.0(*)
CL = 50pF
R1 = 500 Ω
VIN=2.4V
3.8
6.5
9.0
10.0
ns
tPZL
tPZH
Output Enable
Time
5.0(*)
CL = 50pF
R1 = 1KΩ
VIN=2.4V
3.3
5.0
7.5
8.5
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com