Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4060 Datasheet(PDF) 9 Page - STMicroelectronics

Part # HCF4060
Description  14-stage ripple carry binary counter/divider and oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4060 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button HCF4060 Datasheet HTML 5Page - STMicroelectronics HCF4060 Datasheet HTML 6Page - STMicroelectronics HCF4060 Datasheet HTML 7Page - STMicroelectronics HCF4060 Datasheet HTML 8Page - STMicroelectronics HCF4060 Datasheet HTML 9Page - STMicroelectronics HCF4060 Datasheet HTML 10Page - STMicroelectronics HCF4060 Datasheet HTML 11Page - STMicroelectronics HCF4060 Datasheet HTML 12Page - STMicroelectronics HCF4060 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DocID2055 Rev 6
9/15
HCF4060
Electrical characteristics
RX
5Cx = 10 μF20
M
Ω
10
Cx = 50 μF20
15
Cx = 10 μF10
CX
5Rx = 500 KΩ
1000
μF
10
Rx = 300 KΩ
50
15
Rx = 300 KΩ
50
Maximum oscillator frequency(2)
10
Rx = 5 KΩ, Cx = 15 pF
530
650
810
pF
15
690
800
940
1. Typical temperature coefficient for all VDD values is 0.3 %/°C, all input rise and fall times = 20 ns.
2. RC oscillator applications are not recommended at supply voltages below 7 V for RX = 50 KΩ.
Table 6. Dynamic electrical characteristics
(Tamb = 25 °C, CL = 50 pF, RL = 200 KΩ, tr = tf = 20 ns) (continued)
Symbol
Parameter
Test condition
Value(1)
Unit
VDD (V)
Min. Typ. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com