Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDMI2C1-14HD Datasheet(PDF) 21 Page - STMicroelectronics

Part # HDMI2C1-14HD
Description  HPD pull down and signal conditioning
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDMI2C1-14HD Datasheet(HTML) 21 Page - STMicroelectronics

Back Button HDMI2C1-14HD Datasheet HTML 17Page - STMicroelectronics HDMI2C1-14HD Datasheet HTML 18Page - STMicroelectronics HDMI2C1-14HD Datasheet HTML 19Page - STMicroelectronics HDMI2C1-14HD Datasheet HTML 20Page - STMicroelectronics HDMI2C1-14HD Datasheet HTML 21Page - STMicroelectronics HDMI2C1-14HD Datasheet HTML 22Page - STMicroelectronics HDMI2C1-14HD Datasheet HTML 23Page - STMicroelectronics HDMI2C1-14HD Datasheet HTML 24Page - STMicroelectronics HDMI2C1-14HD Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
DocID023674 Rev 2
21/32
HDMI2C1-14HD
Electrical characteristics
32
Figure 17. TMDS line differential far end crosstalk curve
Figure 18. TMDS line: remaining voltage when positive 8 kV ESD surge applied
Figure 19. TMDS line: remaining voltage when negative 8 kV ESD surge applies
10M
30M
100M
300M
1G
3G
10G
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
dB
D2-D1_FEXT
D2-CLK_FEXT
F(Hz)
100.9 V
13.1 V
11.7 V
7.5 V
1
2
4
3
V : ESD peak voltage
V :clamping voltage @ 30 ns
V :clamping voltage @ 60 ns
PP
CL
CL
V :clamping voltage @ 100 ns
CL
1
2
3
4
20 V/div
20 ns/div
-67.9 V
3.3 V
-5.1 V
-4.8 V
20 ns/div
1
2
4
3
V : ESD peak voltage
V :clamping voltage @ 30 ns
V :clamping voltage @ 60 ns
PP
CL
CL
V :clamping voltage @ 100 ns
CL
1
2
3
4
20 V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com