Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JTS393 Datasheet(PDF) 6 Page - STMicroelectronics

Part # JTS393
Description  Micropower dual CMOS voltage comparator: unsawn wafer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

JTS393 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button JTS393 Datasheet HTML 2Page - STMicroelectronics JTS393 Datasheet HTML 3Page - STMicroelectronics JTS393 Datasheet HTML 4Page - STMicroelectronics JTS393 Datasheet HTML 5Page - STMicroelectronics JTS393 Datasheet HTML 6Page - STMicroelectronics JTS393 Datasheet HTML 7Page - STMicroelectronics JTS393 Datasheet HTML 8Page - STMicroelectronics JTS393 Datasheet HTML 9Page - STMicroelectronics JTS393 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Electrical characteristics
JTS393
6/10
DocID025633 Rev 1
3
Electrical characteristics
Table 4. Electrical characteristics at VCC+ = 3 V, VCC- = 0 V, T = 25 °C (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
V
io
Input offset voltage(1)
V
ic = 1.5 V
T
min.
≤Tamb ≤Tmax
5
6.5
mV
I
io
Input offset current(2)
V
ic = 1.5 V
T
min.
≤Tamb ≤Tmax.
1
300
pA
I
ib
Input bias current(2)
V
ic = 1.5 V
T
min.
≤Tamb ≤Tmax.
1
600
CMR
Common-mode rejection ratio V
ic = Vicm min.
70
dB
SVR
Supply voltage rejection ratio
V
CC
+ = 3 V to 5 V
70
I
OH
High level output current
V
id = 1 V, VOH = 3 V
T
min.
≤Tamb ≤Tmax.
240
1000
nA
V
OL
Low level output voltage
V
id = -1 V, IOL = 6 mA
T
min.
≤Tamb ≤Tmax.
400
550
800
mV
I
CC
Supply current
(each comparator)
No load - outputs low
T
min.
≤Tamb ≤Tmax.
920
25
μA
t
PLH
Response time low to high
V
ic = 0 V, f = 10 kHz,
R
L = 5.1 k
Ω, CL = 50 pF,
Overdrive = 5 mV
TTL input
1.5
0.7
μs
t
PHL
Response time high to low
V
ic = 0 V, f = 10 kHz,
R
L = 5.1 k
Ω, CL = 50 pF,
Overdrive = 5 mV
TTL input
2.5
0.08
1. The specified offset voltage is the maximum value required to drive the output up to 2.5 V or down to 0.3 V.
2. Maximum values including unavoidable inaccuracies of the industrial test.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com