Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34E04 Datasheet(PDF) 23 Page - STMicroelectronics

Part # M34E04
Description  Enhanced ESD/latch-up protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E04 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M34E04 Datasheet HTML 19Page - STMicroelectronics M34E04 Datasheet HTML 20Page - STMicroelectronics M34E04 Datasheet HTML 21Page - STMicroelectronics M34E04 Datasheet HTML 22Page - STMicroelectronics M34E04 Datasheet HTML 23Page - STMicroelectronics M34E04 Datasheet HTML 24Page - STMicroelectronics M34E04 Datasheet HTML 25Page - STMicroelectronics M34E04 Datasheet HTML 26Page - STMicroelectronics M34E04 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
DocID023348 Rev 7
23/32
M34E04
DC and AC parameters
31
7
DC and AC parameters
This section summarizes the operating and measurement conditions, and the DC and AC
characteristics of the device.
Figure 10. AC measurement I/O waveform
Table 7. Operating conditions (for temperature range 8 devices)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
1.7
3.6
V
TA
Ambient operating temperature
0
+95
°C
Table 8. AC measurement conditions
Symbol
Parameter
Min.
Max.
Unit
CL
Load capacitance
100
pF
SCL input rise and fall time,
SDA input fall time
-50
ns
Input levels
0.2VCC to 0.8VCC
V
Input and output timing reference levels
0.3VCC to 0.7VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com