Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95320-DF Datasheet(PDF) 42 Page - STMicroelectronics

Part # M95320-DF
Description  Automotive 32-Kbit serial SPI bus EEPROMs with high-speed clock
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95320-DF Datasheet(HTML) 42 Page - STMicroelectronics

Back Button M95320-DF Datasheet HTML 35Page - STMicroelectronics M95320-DF Datasheet HTML 36Page - STMicroelectronics M95320-DF Datasheet HTML 37Page - STMicroelectronics M95320-DF Datasheet HTML 38Page - STMicroelectronics M95320-DF Datasheet HTML 39Page - STMicroelectronics M95320-DF Datasheet HTML 40Page - STMicroelectronics M95320-DF Datasheet HTML 41Page - STMicroelectronics M95320-DF Datasheet HTML 42Page - STMicroelectronics M95320-DF Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 43 page
background image
Revision history
M95320-A125 M95320-A145
42/43
DocID022938 Rev 8
11
Revision history
Table 20. Document revision history
Date
Revision
Changes
27-Mar-2012
1
Initial release.
03-Oct-2012
2
– MLP8 MB version removed in Figure 35: UFDFPN8 (MLP8) – 8-
lead ultra thin fine pitch dual flat no lead, package outline,
Table 20: UFDFPN8 (MLP8) – 8-lead ultra thin fine pitch dual flat
package no lead 2 x 3 mm, data, and in Table 19: Ordering
information scheme.
– Deleted line “512 = 512 Kbit (64 Kbytes x 8)” in section “Device
function” of Table 19: Ordering information scheme.
18-Dec-2012
3
– Changed datasheet status from “Preliminary data” to “Production
data”.
– Rephrased introduction of Section 3.5: Identification page and
information about Identification page in Section 6: Delivery state.
– Updated VRES maximum value in Table 13: DC characteristics
(voltage range W, temperature range 4) and Table 14: DC
characteristics (voltage range R, temperature range 3).
05-Sep-2013
4
Added WFDFPN8 (MF) package.
Removed UFDFPN8 (MLP8) package.
Deleted note(1) under Table 6: Instruction set.
Updated note (1) under Table 8: Absolute maximum ratings.
04-Feb-2014
5
Changed Data retention from "40 years at 55 °C" to "50 years at
125 °C" in Features.
Updated Figure 24: WFDFPN8 (MLP8) – 8-lead, 2 x 3 mm, 0.5 mm
pitch very very thin fine pitch dual flat package outline.
14-Oct-2014
6
Updated Note 2 below Table 8: Absolute maximum ratings
Updated Table 14: DC characteristics (voltage range R, temperature
range 3).
Updated Table 18: WFPN8 (MLP8) – 8-lead, 2 x 3 mm, 0.5 mm pitch
very very thin fine pitch dual flat package mechanical data
Updated Table 19: Ordering information scheme.
Added Note 2 below Figure 24: WFDFPN8 (MLP8) – 8-lead, 2 x
3 mm, 0.5 mm pitch very very thin fine pitch dual flat package
outline.
09-Jan-2015
7
Updated Table 18: WFPN8 (MLP8) – 8-lead, 2 x 3 mm, 0.5 mm pitch
very very thin fine pitch dual flat package mechanical data
Updated Figure 24: WFDFPN8 (MLP8) – 8-lead, 2 x 3 mm, 0.5 mm
pitch very very thin fine pitch dual flat package outline
Added paragraph: Engineering samples on page 41
10-Feb-2016
8
Updated
– Section 9: Package mechanical data
–VCC min value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com