Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95640-A145 Datasheet(PDF) 39 Page - STMicroelectronics

Part # M95640-A145
Description  Automotive 64-Kbit serial SPI bus EEPROMs with high-speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95640-A145 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M95640-A145 Datasheet HTML 35Page - STMicroelectronics M95640-A145 Datasheet HTML 36Page - STMicroelectronics M95640-A145 Datasheet HTML 37Page - STMicroelectronics M95640-A145 Datasheet HTML 38Page - STMicroelectronics M95640-A145 Datasheet HTML 39Page - STMicroelectronics M95640-A145 Datasheet HTML 40Page - STMicroelectronics M95640-A145 Datasheet HTML 41Page - STMicroelectronics M95640-A145 Datasheet HTML 42Page - STMicroelectronics M95640-A145 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
DocID022579 Rev 9
39/44
M95640-A125 M95640-A145
Package mechanical data
43
9.3
WFDFPN8 package information
Figure 24. WFDFPN8 (MLP8) – 8-lead, 2 x 3 mm, 0.5 mm pitch very very thin fine pitch
dual flat package outline
1. Drawing is not to scale.
2. The central pad (the area E2 by D2 in the above illustration) must be either connected to Vss or left floating
(not connected) in the end application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com