Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHDLS101A Datasheet(PDF) 9 Page - STMicroelectronics

Part # STHDLS101A
Description  Enhanced AC coupled HDMI level shifter with configurable HPD output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHDLS101A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STHDLS101A Datasheet HTML 5Page - STMicroelectronics STHDLS101A Datasheet HTML 6Page - STMicroelectronics STHDLS101A Datasheet HTML 7Page - STMicroelectronics STHDLS101A Datasheet HTML 8Page - STMicroelectronics STHDLS101A Datasheet HTML 9Page - STMicroelectronics STHDLS101A Datasheet HTML 10Page - STMicroelectronics STHDLS101A Datasheet HTML 11Page - STMicroelectronics STHDLS101A Datasheet HTML 12Page - STMicroelectronics STHDLS101A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
STHDLS101A
Pin configuration
Doc ID 15756 Rev 1
9/24
25
OE_N
Input
Enable for level shifter path. 3.3 V tolerant low-voltage
single-ended input. Internal pull-down enables chip
when unconnected
OE_N
IN_D
termination
OUT_D Outputs
1
High-Z
High-Z
050
Ω
Active
26
VCC33
Power
3.3 V±10% DC supply
27
GND
Power
Ground
28
SCL_SINK
Output
5 V DDC Clock I/O. Pulled-up by external termination
to 5 V. Connected to SCL_SOURCE through voltage-
limiting integrated NMOS pass-gate
29
SDA_SINK
I/O
5V DDC Data I/O. Pulled-up by external termination to
5V. Connected to SDA_SOURCE through voltage-
limiting integrated NMOS pass-gate
30
HPD_SINK
Input
Low-frequency, 0V to 5V (nominal) input signal. This
signal comes from the HDMI connector. Voltage high
indicates “plugged” state; voltage low indicates
“unplugged” state. HPD_SINK is pulled down by an
integrated 160KΩ pull-down resistor
31
GND
Power
Ground
32
DDC_EN
Input
Enables bias voltage to the DDC pass-gate level shifter
gates. (May be implemented as a bias voltage
connection to the DDC pass-gate themselves)
DDC_EN
Pass-gate
0 V
Disabled
3.3 V
Enabled
33
VCC33
Power
3.3 V±10% DC supply
34
FUNCTION3
Input
Used for polarity control of the HPD_SOURCE output.
When L, the HPD_SOURCE is an open-drain output
sand when H, the HPD_SOURCE is a buffered output
(O V to VCC)
35
FUNCTION4
Vendor-specific
control or test
pins
Function pins are to enable vendor-specific features or
test modes
For normal operation, these pins are tied to GND or
VCC33
For consistent interoperability, GND is the preferred
default connection for these signals
36
GND
Power
Ground
37
GND
Power
Ground
Table 2.
Pin description (continued)
Pin
number
Name
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com