Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L424IDT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # L424IDT
Description  T-1 CYLINDICAL LED LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L424IDT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  L424IDT Datasheet HTML 1Page - List of Unclassifed Manufacturers L424IDT Datasheet HTML 2Page - List of Unclassifed Manufacturers L424IDT Datasheet HTML 3Page - List of Unclassifed Manufacturers L424IDT Datasheet HTML 4Page - List of Unclassifed Manufacturers L424IDT Datasheet HTML 5Page - List of Unclassifed Manufacturers L424IDT Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: CDA0719
REV NO: V.1
DATE: NOV/11/2001
PAGE: 1 OF 6
APPROVED : J. Lu
CHECKED :
DRAWN: R.X.Jin
Description
The Bright Red source color devices are made with Gallium
Phosphide Red Light Emitting Diode.
The High Efficiency Red and Orange source color devices are
made with Gallium Arsenide Phosphide on Gallium Phosphide
Orange Light Emitting Diode.
The Green source color devices are made with Gallium
Phosphide Green Light Emitting Diode.
The Yellow source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Yellow Light
Emitting Diode.
The Super Bright Red source color devices are made with
Gallium Aluminum Arsenide Red Light Emitting Diode.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge package.
4. Specifications are subject to change without notice.
Features
!
CYLINDRICAL TYPE, TOP DIFFUSED.
!
LOW POWER CONSUMPTION.
!
I.C. COMPATIBLE.
!
RELIABLE AND RUGGED.
!
LONG LIFE - SOLID STATE RELIABILITY.
!
AVAILABLE ON TAPE AND REEL.
L424HDT BRIGHT RED
L424GDT GREEN
L424IDT HIGH EFFICIENCY RED L424EDT ORANGE
L424SRDTSUPER BRIGHT RED
L424YDT YELLOW
T-1 (3mm) CYLINDRICAL LED LAMPS
Package Dimensions


Similar Part No. - L424IDT

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
L424-155.52 CONNOR-WINFIELD-L424-155.52 Datasheet
119Kb / 2P
5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
More results

Similar Description - L424IDT

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT630-HR MARKTECH-MT630-HR Datasheet
48Kb / 1P
T-1 TAPERED LED LAMPS
MT810-CUR MARKTECH-MT810-CUR Datasheet
32Kb / 1P
T-1 ULTRA BRIGHT LED LAMPS
logo
Kingbright Corporation
L-1334 KINGBRIGHT-L-1334 Datasheet
220Kb / 7P
T-1 (3mm) CYLINDRICAL LED LAMPS
logo
Chicago Miniature Lamp,...
4300FLC CML-4300FLC Datasheet
64Kb / 1P
T-1 Solid State LED Lamps
logo
Kingbright Corporation
L-424 KINGBRIGHT-L-424 Datasheet
186Kb / 6P
T-1(3mm) CYLINDRICAL LED LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-NS31 AVAGO-HLMP-NS31 Datasheet
219Kb / 6P
T-1 (3mm) InGaN LED Lamps
logo
Kingbright Corporation
L-483 KINGBRIGHT-L-483 Datasheet
793Kb / 5P
T-1 (3mm) CYLINDRICAL LED LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1503 AVAGO-HLMP-1503 Datasheet
1Mb / 13P
T-1 3mm Diffused LED Lamps
logo
Visual Communications C...
4300FLC VCC-4300FLC Datasheet
86Kb / 1P
T-1 Solid State LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMPY601 AVAGO-HLMPY601 Datasheet
70Kb / 3P
T-1 (3mm) AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com