Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDF5N50BTH Datasheet(PDF) 2 Page - MagnaChip Semiconductor.

Part # MDF5N50BTH
Description  N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF5N50BTH Datasheet(HTML) 2 Page - MagnaChip Semiconductor.

  MDF5N50BTH Datasheet HTML 1Page - MagnaChip Semiconductor. MDF5N50BTH Datasheet HTML 2Page - MagnaChip Semiconductor. MDF5N50BTH Datasheet HTML 3Page - MagnaChip Semiconductor. MDF5N50BTH Datasheet HTML 4Page - MagnaChip Semiconductor. MDF5N50BTH Datasheet HTML 5Page - MagnaChip Semiconductor. MDF5N50BTH Datasheet HTML 6Page - MagnaChip Semiconductor. MDF5N50BTH Datasheet HTML 7Page - MagnaChip Semiconductor. MDF5N50BTH Datasheet HTML 8Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Dec 2011. Version 1.0
MagnaChip Semiconductor Ltd
.
2
Ordering Information
Part Number
Temp. Range
Package
Packing
RoHS Status
MDP5N50BTH
-55~150
oC
TO-220
Tube
Halogen Free
MDF5N50BTH
-55~150
oC
TO-220F
Tube
Halogen Free
Electrical Characteristics (Ta = 25
oC)
Characteristics
Symbol
Test Condition
Min
Typ
Max
Unit
Static Characteristics
Drain-Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V
500
-
-
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250µA
2.0
-
4.0
Drain Cut-Off Current
IDSS
VDS = 500V, VGS = 0V
-
-
1
µA
Gate Leakage Current
IGSS
VGS = ±30V, VDS = 0V
-
-
100
nA
Drain-Source ON Resistance
RDS(ON)
VGS = 10V, ID = 2.5A
-
1.15
1.4
Forward Transconductance
gfs
VDS = 30V, ID = 2.5A
-
5
-
S
Dynamic Characteristics
Total Gate Charge
Qg
VDS = 400V, ID = 5.0A, VGS = 10V
(3)
-
11.5
-
nC
Gate-Source Charge
Qgs
-
2.3
-
Gate-Drain Charge
Qgd
-
4.1
-
Input Capacitance
Ciss
VDS = 25V, VGS = 0V, f = 1.0MHz
-
513
-
pF
Reverse Transfer Capacitance
Crss
-
3.6
-
Output Capacitance
Coss
-
69
-
Turn-On
Delay Time
td(on)
VGS = 10V, VDS = 250V, ID = 5.0A,
RG = 25
(3)
-
11
-
ns
Rise Time
tr
-
16
-
Turn-Off Delay Time
td(off)
-
46
-
Fall Time
tf
-
24
-
Drain-Source Body Diode Characteristics
Maximum Continuous Drain to Source
Diode Forward Current
IS
-
5.0
-
A
Source-Drain Diode Forward Voltage
VSD
IS = 5.0A, VGS = 0V
-
-
1.4
V
Body Diode Reverse Recovery Time
trr
IF = 5.0A, dl/dt = 100A/µs
(3)
-
232
-
ns
Body Diode Reverse Recovery Charge
Qrr
-
1.3
-
µC
Note :
1. Pulse width is based on RθJC & RθJA and the maximum allowed junction temperature of 150°C.
2. Pulse test: pulse width ≤300us, duty cycle≤2%, pulse width limited by junction temperature TJ(MAX)=150°C.
3. ISD ≤5.0A, di/dt≤200A/us, VDD≤BVDSS, Rg =25 , Starting TJ=25°C
4. L=16.5mH, IAS=5.0A, VDD=50V, , Rg =25 , Starting TJ=25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com