Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C1016 Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS6C1016
Description  Fully static operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C1016 Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS6C1016 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6C1016 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C1016 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C1016 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C1016 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C1016 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C1016 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C1016 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C1016 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AS6C1016
64K X 16 BIT LOW POWER CMOS SRAM
Alliance Memory, Inc.
Rev. 1.4
1
FEATURES
 Fast access time : 55ns
 Low power consumption:
Operating current : 20mA (TYP.)
Standby current : 2
A (TYP.)
 Single 2.7V ~ 5.5V power supply
 All outputs TTL compatible
 Fully static operation
 Tri-state output
 Data byte control : LB# (DQ0 ~ DQ7)
UB# (DQ8 ~ DQ15)
 Data retention voltage : 1.5V (MIN.)
 Green package available
 Package : 44-pin 400 mil TSOP-II
48-ball 6mm x 8mm TFBGA
GENERAL DESCRIPTION
The AS6C1016 is a 1,048,576-bit low power CMOS
static random access memory organized as 65,536
words by 16 bits. It is fabricated using very high
performance, high reliability CMOS technology. Its
standby current is stable within the range of
operating temperature.
The AS6C1016 is well designed for low power
application, and particularly well suited for battery
back-up nonvolatile memory application.
The AS6C1016 operates from a single power
supply of 2.7V ~ 5.5V and all inputs and outputs are
fully TTL compatible
PRODUCT FAMILY
Product
Family
Operating
Temperature
Vcc Range
Speed
Power Dissipation
Standby(ISB1,TYP.)
Operating(Icc,TYP.)
AS6C1016(I)
-40 ~ 85℃
2.7 ~ 5.5V
55/70ns
2µA
20/18mA
FUNCTIONAL BLOCK DIAGRAM
CONTROL
CIRCUIT
CE#
WE#
OE#
DECODER
64Kx16
MEMORY ARRAY
COLUMN I/O
A0-A15
Vcc
Vss
DQ8-DQ15
Upper Byte
DQ0-DQ7
Lower Byte
I/O DATA
CIRCUIT
LB#
UB#
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0 - A15
Address Inputs
DQ0
– DQ15 Data Inputs/Outputs
CE#
Chip Enable Input
WE#
Write Enable Input
OE#
Output Enable Input
LB#
Lower Byte Control
UB#
Upper Byte Control
VCC
Power Supply
VSS
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com