Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDP1921 Datasheet(PDF) 5 Page - MagnaChip Semiconductor.

Part # MDP1921
Description  Single N-channel Trench MOSFET 100V, 120A, 4.5m(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDP1921 Datasheet(HTML) 5 Page - MagnaChip Semiconductor.

  MDP1921 Datasheet HTML 1Page - MagnaChip Semiconductor. MDP1921 Datasheet HTML 2Page - MagnaChip Semiconductor. MDP1921 Datasheet HTML 3Page - MagnaChip Semiconductor. MDP1921 Datasheet HTML 4Page - MagnaChip Semiconductor. MDP1921 Datasheet HTML 5Page - MagnaChip Semiconductor. MDP1921 Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Jun. 2013. Version 1.2
MagnaChip Semiconductor Ltd.
5
Package Dimension
3 Leads, TO-220
Dimensions are in millimeters unless otherwise specified



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com