Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM307D Datasheet(PDF) 2 Page - Texas Instruments

Part # LM307D
Description  HIGH-PERFORMANCE OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM307D Datasheet(HTML) 2 Page - Texas Instruments

  LM307D Datasheet HTML 1Page - Texas Instruments LM307D Datasheet HTML 2Page - Texas Instruments LM307D Datasheet HTML 3Page - Texas Instruments LM307D Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LM107, LM207, LM307
HIGH-PERFORMANCE OPERATIONAL AMPLIFIERS
SLOS060 – D962, DECEMBER 1970 – REVISED SEPTEMBER 1990
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
2
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
LM107
LM207
LM307
UNIT
Supply voltage, VCC + (see Note 1)
22
22
18
V
Supply voltage, VCC – (see Note 1)
–22
–22
–18
V
Differential input voltage (see Note 2)
±30
±30
±30
V
Input voltage (either input, see Notes 1 and 3)
±15
±15
±15
V
Duration of output short circuit (see Note 4)
unlimited
unlimited
unlimited
Continuous total dissipation
See Dissipation Rating Table
Operating free-air temperature range
– 55 to 125
– 25 to 85
0 to 70
°C
Storage temperature range
– 65 to 150
– 65 to 150
– 65 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds: J, JG,
U, or W package
300
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: D or P
package
260
260
°C
NOTES: 1. All voltage values, unless otherwise noted, are with respect to the midpoint between VCC + and VCC –.
2. Differential voltages are at the noninverting input terminal with respect to the inverting input terminal.
3. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 V, whichever is less.
4. The output may be shorted to ground or either power supply. For the LM107 only, the unlimited duration of the short circuit applies
at (or below) 125
°C case temperature or 75°C free-air temperature. For the LM207 only, the unlimited duration of the short circuit
applies at (or below) 85
°C case temperature or 75°C free air temperature.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING
FACTOR
DERATE
ABOVE TA
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
TA = 125°C
POWER RATING
D
J
JG
P
U
W
500 mW
500 mW
500 mW
500 mW
500 mW
500 mW
5.8 mW/
°C
11.0 mW/
°C
8.4 mW/
°C
N/A
5.4 mW/
°C
8.0 mW/
°C
64
°C
105
°C
90
°C
N/A
57
°C
87
°C
464 mW
500 mW
500 mW
500 mW
432 mW
500 mW
377 mW
500 mW
500 mW
500 mW
351 mW
500 mW
—
275 mW
210 mW
—
135 mW
200 mW
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC +
2
18
V
Supply voltage, VCC –
–2
–18
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com