Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4883 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4883
Description  Dual 2.1W Audio Amplifier Plus Stereo Headphone
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4883 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4883 Datasheet HTML 1Page - National Semiconductor (TI) LM4883 Datasheet HTML 2Page - National Semiconductor (TI) LM4883 Datasheet HTML 3Page - National Semiconductor (TI) LM4883 Datasheet HTML 4Page - National Semiconductor (TI) LM4883 Datasheet HTML 5Page - National Semiconductor (TI) LM4883 Datasheet HTML 6Page - National Semiconductor (TI) LM4883 Datasheet HTML 7Page - National Semiconductor (TI) LM4883 Datasheet HTML 8Page - National Semiconductor (TI) LM4883 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Typical Application
External Components Description
(Refer to Figure 1)
Components
Functional Description
1.
R1, 4, 5, 6
The inverting input resistance R1, along with R
3, set the closed-loop gain. R1, along with C1,
form a high pass filter with f
c = 1/(2
πR
1C1).
2.
C1, 2, 3, 4
The input coupling capacitor blocks DC voltage at the amplifier’s input terminals. C
1, along with
R
1, create a highpass filter with fc = 1/(2
πR
1C1). Refer to the section, SELECTING PROPER
EXTERNAL COMPONENTS, for an explanation of determining the value of C
1.
3.
R2, 3, 7, 8
The feedback resistance, along with R
1 sets the closed-loop gain.
4.
C6
The supply bypass capacitor. Refer to the POWER SUPPLY BYPASSING section for
information about properly placing, and selecting the value of, this capacitor.
5.
C5
The capacitor, C
5, filters the half-supply voltage present on the BYPASS pin. Refer to the
SELECTING PROPER EXTERNAL COMPONENTS section for information concerning proper
placement and selecting C
5’s value.
200887A1
FIGURE 1. Typical Audio Amplifier Application Circuit
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com