Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8C403601 Datasheet(PDF) 21 Page - Alliance Semiconductor Corporation

Part # AS8C403601
Description  three chip enables for simple depth expansion
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS8C403601 Datasheet(HTML) 21 Page - Alliance Semiconductor Corporation

Back Button AS8C403601 Datasheet HTML 13Page - Alliance Semiconductor Corporation AS8C403601 Datasheet HTML 14Page - Alliance Semiconductor Corporation AS8C403601 Datasheet HTML 15Page - Alliance Semiconductor Corporation AS8C403601 Datasheet HTML 16Page - Alliance Semiconductor Corporation AS8C403601 Datasheet HTML 17Page - Alliance Semiconductor Corporation AS8C403601 Datasheet HTML 18Page - Alliance Semiconductor Corporation AS8C403601 Datasheet HTML 19Page - Alliance Semiconductor Corporation AS8C403601 Datasheet HTML 20Page - Alliance Semiconductor Corporation AS8C403601 Datasheet HTML 21Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
AS8C403601, AS8C401801,128K x 36, 256K x 18, 3.3V Synchronous SRAMS with ZBT™ Feature,3.3V I/O, burst counter, and Pipelined
Outputs Commercial Temperature Ranges
21
Alliance Memory
7 = FAST Async 6 = Low Power 8 = SSRAM
C = CMOS SRAM
Voltage: Blank = 5V CMOS, 3 = 3.3V CMOS
Device number assigned by Alliance Memory
A sufx denotes die revision
Access time in nanoseconds/megaherz
Packages:
J = SOJ 400 mil
TJ = SOJ 300 mil
T = TSOP
ST = shrink TSOP (sTSOP)
QC = 100pin TQFP
Temperature Ranges:
C = Commercial 0ºC to 70ºC
I = Industrial -40º to 85ºC
N = ROHS compliant lead free part
Tape and Reel
AS
7
C
3
4098
A
-12
J
C
N
TR
S = SOP
P = DIP
B = TFBGA
Z = TSOP II
Alliance Part numbering system
Ordering Information
Alliance
Organization
VCC Range Package
Operating Temp
Speed
AS8C403601-QC166N
128K x 36
3.1 - 3.4V
100 pin TQFP
Comercial 0 - 70C
166MHz
AS8C401801-QC166N
256K x 18
3.1 - 3.4V
100 pin TQFP
Comercial 0 - 70C
166MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com