Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8C803601 Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # AS8C803601
Description  Three chip enables for simple depth expansion
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS8C803601 Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button AS8C803601 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS8C803601 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS8C803601 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS8C803601 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS8C803601 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS8C803601 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS8C803601 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS8C803601 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS8C803601 Datasheet HTML 11Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
6.42
AS8C803601, AS8C801801, 256K x 36, 512K x 18, 3.3V Synchronous SRAMS with
ZBT™
™
™
™
™
Feature, 3.3V I/O, Burst Counter, and Pipelined Outputs
Commercial Temperatur e Range
7
Synchronous Truth Table(1)
Partial Truth Table for Writes(1)
NOTES:
1. L = V IL, H = V IH, X = Don’t Care.
2. When ADV/LD signal is sampled high, the internal burst counter is incremented. The R/
W
signal is ignored when the counter is advanced. Therefore the nature of
the burst cycle (Read or Write) is determined by the status of the R/
W
signal when the first address is loaded at the beginning of the burst cycle.
3. Deselect cycle is initiated when either ( CE1, or CE2 is sampled high or CE 2 is sampled low) and ADV/ LD is sampled low at rising edge of clock. The data bus will
tri-state two cycles after deselect is initiated.
4. When CEN is sampled high at the rising edge of clock, that clock edge is blocked from propogating through the part. The state of all the internal registers and the I/Os
remains unchanged.
5. To select the chip requires CE1 = L, CE2 = L, CE 2 = H on these chip enables. Chip is deselected if any one of the chip enables is false.
6. Device Outputs are ensured to be in High-Z after the first rising edge of clock upon power-up.
7. Q - Data read from the device, D - data written to the device.
NOTES:
1. L = V IL, H = V IH, X = Don’t Care.
2. Multiple bytes may be selected during the same cycle.
3. N/A for X18 configuration.
CEN
R/W
Chip(5)
Enable
ADV/LD
BW
x
ADDRESS
USED
PREVIOUS CYCLE
CURRENT CYCLE
I/O
(2 cycles later)
L
L
Select
L
Valid
External
X
LOAD WRITE
D(7)
L
H
Select
L
X
External
X
LOAD READ
Q(7)
L
X
X
H
Valid
Internal
LOAD WRITE /
BURST WRITE
BURSTWRITE
(Advance burst counter)(2)
D(7)
L
X
X
H
X
Internal
LOAD READ /
BURSTREAD
BURSTREAD
(Advance burst counter)(2)
Q(7)
L
X
Deselect
L
X
X
X
DESELECT or STOP(3)
HiZ
L
X
X
H
X
X
DESELECT/ NOOP
NOOP
HiZ
H
X
X
X
X
X
X
SUSPEND(4)
Previous Value
5304 tbl 08
OPERATION
R/W
BW1
BW2
BW3(3)
BW4(3)
READ
H
X
X
X
X
WRITE ALL BYTES
L
L
L
L
L
WRITE BYTE 1 (I/O[0:7], I/OP1)(2)
LL
H
H
H
WRITE BYTE 2 (I/O[8:15], I/OP2)(2)
LH
LH
H
WRITE BYTE 3 (I/O[16:23], I/OP3)(2,3)
LH
H
LH
WRITE BYTE 4 (I/O[24:31], I/OP4)(2,3)
L
HHH
L
NO
W
RITE
L
HHH
H
5304 tbl 09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com