Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8C801801 Datasheet(PDF) 21 Page - Alliance Semiconductor Corporation

Part # AS8C801801
Description  Three chip enables for simple depth expansion
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS8C801801 Datasheet(HTML) 21 Page - Alliance Semiconductor Corporation

Back Button AS8C801801 Datasheet HTML 13Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 14Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 15Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 16Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 17Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 18Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 19Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 20Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 21Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
1. EMLSI Memory
2. Device Type
11. Power
3. Density
10. Speed
4. Function
9. Package
5. Technology
8. Version
6. Operating Voltage
7. Organization
1. EMLSI Memory
2. Device Type
11. Power
3. Density
10. Speed
4. Function
9. Package
5. Technology
8. Version
6. Operating Voltage
7. Organization
Alliance
Organization
VCC
Range
Package
Operating Temp
Speed
Mhz
AS8C803601-QC150N
256K x 36
3.1 - 3.4V
100 pin TQFP
Comercial 0 - 70C
150
AS8C801801-QC150N
512K x 18
3.1 - 3.4V
100 pin TQFP
Comercial 0 - 70C
150
ORDERING INFORMATION
ORDERING INFORMATION
Alliance
Organization
VCC
Range
Package
Operating Temp
Speed
ns
AS6C8016A -55ZIN
512K x 16
2.7 - 5.5V
44pin TSOP II
Industrial ~ -40 C - 85 C
55
AS6C8016A -55BIN
512K x 16
2.7 - 5.5V
48ball FBGA
Industrial ~ -40 C - 85 C
55
PART NUMBERING SYSTEM
AS6C
8016
-55
X
X
N
Device Number
Package Option
Temperature Range
80 = 8M
Z - 44pin TSOP
I = Industrial
low power
SRAM prefix
16 = x16
Access
Time
B = 48ball TFBGA (-40 to + 85 C)
N = Lead Free
RoHS
compliant part
PART NUMBERING SYSTEM
AS8C
01= ZBT
Q = 100 Pin TQFP
Sync.
SRAM prefix
18= x18
36 = x36
25 = Flow- Thru
0 ~ 70C
150MHz N= Leadfree
80 = 8M
00 = Pipelined
®
Alliance Memory, Inc.
551 Taylor way, suite#1
San
Carlos, CA 94070
Tel: 650-
610-6800
Fax: 650-
620-9211
www.alliancememory.com
Copyright © Alliance Memory
All Rights Reserved
Part Number: AS8C803601/801801
Document Version: v. 1.0
© Copyright 2003 Alliance Memory, Inc. All rights reserved. Our three-point logo, our name and Intelliwatt are trademarks or registered trademarks of
Alliance. All other brand and product names may be the trademarks of their respective companies. Alliance reserves the right to make changes to this
document and its products at any time without notice. Alliance assumes no responsibility for any errors that may appear in this document. The data
contained herein represents Alliance's best data and/or estimates at the time of issuance. Alliance reserves the right to change or correct this data at any
time, without notice. If the product described herein is under development, significant changes to these specifications are possible. The information in
this product data sheet is intended to be general descriptive information for potential customers and users, and is not intended to operate as, or provide,
any guarantee or warrantee to any user or customer. Alliance does not assume any responsibility or liability arising out of the application or use of any
product described herein, and disclaims any express or implied warranties related to the sale and/or use of Alliance products including liability or
warranties related to fitness for a particular purpose, merchantability, or infringement of any intellectual property rights, except as express agreed to in
Alliance's Terms and Conditions of Sale (which are available from Alliance). All sales of Alliance products are made exclusively according to Alliance's
Terms and Conditions of Sale. The purchase of products from Alliance does not convey a license under any patent rights, copyrights; mask works rights,
trademarks, or any other intellectual property rights of Alliance or third parties. Alliance does not authorize its products for use as critical components in
life-supporting systems where a malfunction or failure may reasonably be expected to result in significant injury to the user, and the inclusion of
Alliance products in such life-supporting systems implies that the manufacturer assumes all risk of such use and agrees to indemnify Alliance against all
claims arising from such use.
Speed
Device
Conf.
Mode
Package
Operating Temp
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com