Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1334 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A1334
Description  Precision Hall-Effect Angle Sensor IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1334 Datasheet(HTML) 2 Page - Allegro MicroSystems

  A1334 Datasheet HTML 1Page - Allegro MicroSystems A1334 Datasheet HTML 2Page - Allegro MicroSystems A1334 Datasheet HTML 3Page - Allegro MicroSystems A1334 Datasheet HTML 4Page - Allegro MicroSystems A1334 Datasheet HTML 5Page - Allegro MicroSystems A1334 Datasheet HTML 6Page - Allegro MicroSystems A1334 Datasheet HTML 7Page - Allegro MicroSystems A1334 Datasheet HTML 8Page - Allegro MicroSystems A1334 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
A1334A-DS, Rev. 6
Precision Hall-Effect Angle Sensor IC
A1334
The A1334 is a 360° angle sensor IC that provides contactless
high-resolutionangularpositioninformationbasedonmagnetic
Circular Vertical Hall (CVH) technology. It has a system-on-
chip (SoC) architecture that includes: a CVH front end, digital
signal processing, and a digital (SPI) output. The A1334 is
ideal for automotive applications requiring high-speed 0° to
360° angle measurements, such as electronic power steering
(EPS) and throttle systems.
The A1334 supports a Low RPM mode for slower rate appli-
cations and a High RPM mode for high-speed applications.
High RPM mode is for applications that require higher refresh
rates to minimize error due to latency. Low RPM mode is for
applications that require higher resolution operating at lower
angular velocities.
As part of its signal processing functions, the A1334 includes
automotive-grade temperature compensation to provide
accurate output over the full operating temperature and voltage
ranges. The A1334 also includes EEPROM technology for
end-of-line calibration.
The A1334 is available as a single die in a 14-pin TSSOP, or
dual die in a 24-pin TSSOP. Both packages are lead (Pb) free
with 100% matte-tin leadframe plating.
Packages:
Not to scale
A1334 Functional Block Diagram
A1334 in Electronic Power Steering (EPS)
Application
Multisegment
CVH Element
Analog Front End
To all internal circuits
Bandpass
Filter
Digital Processing
Temperature
Compensation
Internal Calibration
Zero Angle
Data
Registers
EEPROM
Calibration
Parameters
SPI
Interface
Diagnostics
BYP(1)
SoC die 1
SoC die 2 (optional)
VCC(1)
MOSI(1)
SCLK(1)
MISO(1)
GND(1)
xxx2
ADC
BIAS(1)
CS(1)
(Programming)
Pin number parentheses refer to chip in dual SoC variant
Control unit
Rack
Motor
Steering
sensor
Single SoC
14-pin TSSOP (LE package)
Dual Independent SoCs
24-pin TSSOP (LE package)
• Automotive AEC-Q100 qualified
• Contactless 0° to 360° angle sensor IC, for angular
position, rotational speed, and direction measurement
• Available with either a single die or dual independent die
housed within a single package
• Circular Vertical Hall (CVH) technology provides a
single-channel sensor system, with air-gap independence
• 12-bit resolution possible in low RPM mode, 10-bit
resolution in high RPM mode
• Angle Refresh Rate (output rate) configurable between
25 and 3200 µs through EEPROM programming
• Capable of sensing magnet rotational speeds in excess of
7600 rpm
• SPI interface allows use of multiple independent sensors
for applications requiring redundancy
• EEPROM programmable angle reference (0°) position
and rotation direction (CW or CCW)
• Absolute maximum VCC of 26.5 V for automotive
battery-powered applications
FEATURES AND BENEFITS
DESCRIPTION
December 5, 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com