Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2377USLEX Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2377USLEX
Description  PLLatinum??Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2377USLEX Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button LMX2377USLEX Datasheet HTML 35Page - National Semiconductor (TI) LMX2377USLEX Datasheet HTML 36Page - National Semiconductor (TI) LMX2377USLEX Datasheet HTML 37Page - National Semiconductor (TI) LMX2377USLEX Datasheet HTML 38Page - National Semiconductor (TI) LMX2377USLEX Datasheet HTML 39Page - National Semiconductor (TI) LMX2377USLEX Datasheet HTML 40Page - National Semiconductor (TI) LMX2377USLEX Datasheet HTML 41Page - National Semiconductor (TI) LMX2377USLEX Datasheet HTML 42Page - National Semiconductor (TI) LMX2377USLEX Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
2.0 Programming Description (Continued)
2.6.2 PD_POL Main
MAIN SYNTHESIZER PHASE DETECTOR POLARITY
Main R[17]
The PD_POL Main bit is used to control the Main synthesizer’s phase detector polarity based on the VCO tuning characteristics.
Control Bit
Register Location
Description
Function
01
PD_POL Main
Main R[17]
Main Phase Detector
Polarity
Main VCO Negative
Tuning
Characteristics
Main VCO Positive
Tuning
Characteristics
Main VCO Characteristics
20022682
2.6.3 ID
o Main
MAIN SYNTHESIZER CHARGE PUMP CURRENT GAIN
Main R[18]
The ID
o Main bit controls the Main synthesizer’s charge pump gain. Two current levels are available.
Control Bit
Register Location
Description
Function
01
ID
o Main
Main R[18]
Main Charge Pump
Current Gain
LOW
0.95 mA
HIGH
3.80 mA
2.6.4 TRI-STATE ID
o Main
MAIN SYNTHESIZER CHARGE PUMP TRI-STATE CURRENT
Main R[19]
The TRI-STATE ID
o Main bit allows the charge pump to be switched between a normal operating mode and a high impedance
output state. This happens asynchronously with the change in the TRI-STATE ID
o Main bit.
Furthermore, the TRI-STATE ID
o Main bit operates in conjuction with the PWDN Main bit to set a synchronous or an
asynchronous powerdown mode.
Control Bit
Register Location
Description
Function
01
TRI-STATE ID
o Main
Main R[19]
Main Charge Pump
TRI-STATE Current
Main Charge Pump
Normal Operation
Main Charge Pump
Output in High
Impedance State
www.national.com
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com