Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3882 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3882
Description  1.5A Fast-Response Ultra Low Dropout Linear
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3882 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3882 Datasheet HTML 1Page - National Semiconductor (TI) LP3882 Datasheet HTML 2Page - National Semiconductor (TI) LP3882 Datasheet HTML 3Page - National Semiconductor (TI) LP3882 Datasheet HTML 4Page - National Semiconductor (TI) LP3882 Datasheet HTML 5Page - National Semiconductor (TI) LP3882 Datasheet HTML 6Page - National Semiconductor (TI) LP3882 Datasheet HTML 7Page - National Semiconductor (TI) LP3882 Datasheet HTML 8Page - National Semiconductor (TI) LP3882 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LP3882
1.5A Fast-Response Ultra Low Dropout Linear
Regulators
General Description
The LP3882 is a high current, fast response regulator which
can maintain output voltage regulation with minimum input to
output voltage drop. Fabricated on a CMOS process, the
device operates from two input voltages: Vbias provides
voltage to drive the gate of the N-MOS power transistor,
while Vin is the input voltage which supplies power to the
load. The use of an external bias rail allows the part to
operate from ultra low Vin voltages. Unlike bipolar regula-
tors, the CMOS architecture consumes extremely low quies-
cent current at any output load current. The use of an
N-MOS power transistor results in wide bandwidth, yet mini-
mum external capacitance is required to maintain loop sta-
bility.
The fast transient response of these devices makes them
suitable for use in powering DSP, Microcontroller Core volt-
ages and Switch Mode Power Supply post regulators. The
parts are available in TO-220 and TO-263 packages.
Dropout Voltage: 110 mV (typ) @ 1.5A load current.
Ground Pin Current: 3 mA (typ) at full load.
Shutdown Current: 60 nA (typ) when S/D pin is low.
Precision Output Voltage: 1.5% room temperature accu-
racy.
Features
n
Ultra low dropout voltage (110 mV @ 1.5A typ)
n
Low ground pin current
n
Load regulation of 0.04%/A
n
60 nA typical quiescent current in shutdown
n
1.5% output accuracy (25˚C)
n
TO-220, TO-263 packages
n
Over temperature/over current protection
n
−40˚C to +125˚C junction temperature range
Applications
n
DSP Power Supplies
n
Server Core and I/O Supplies
n
PC Add-in-Cards
n
Local Regulators in Set-Top Boxes
n
Microcontroller Power Supplies
n
High Efficiency Power Supplies
n
SMPS Post-Regulators
Typical Application Circuit
20063201
At least 4.7 µF of input and output capacitance is required for stability.
Connection Diagrams
20063202
TO-220, Top View
20063203
TO-263, Top View
August 2003
© 2003 National Semiconductor Corporation
DS200632
www.national.com


Similar Part No. - LP3882

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3882 TI1-LP3882 Datasheet
1Mb / 19P
LP3882 1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3882 TI1-LP3882 Datasheet
1Mb / 19P
1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3882EMR-1.2/NOPB TI1-LP3882EMR-1.2/NOPB Datasheet
1Mb / 19P
1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3882EMR-1.5/NOPB TI1-LP3882EMR-1.5/NOPB Datasheet
1Mb / 19P
1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3882EMR-1.8/NOPB TI1-LP3882EMR-1.8/NOPB Datasheet
1Mb / 19P
1.5A Fast-Response Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3882

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3852 NSC-LP3852 Datasheet
384Kb / 19P
1.5A Fast Response Ultra Low Dropout Linear Regulators
LP3891 NSC-LP3891 Datasheet
307Kb / 12P
0.8A Fast-Response Ultra Low Dropout Linear
LP3892 NSC-LP3892 Datasheet
315Kb / 12P
1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3855-ADJ NSC-LP3855-ADJ Datasheet
712Kb / 16P
1.5A Fast Response Ultra Low Dropout Linear Regulators
LP3872 NSC-LP3872 Datasheet
742Kb / 18P
1.5A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3892EMRX-12 TI1-LP3892EMRX-12 Datasheet
1Mb / 18P
LP3892 1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3882EMR-12 TI1-LP3882EMR-12 Datasheet
1Mb / 19P
LP3882 1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3855-ADJ TI-LP3855-ADJ_15 Datasheet
2Mb / 22P
1.5A Fast Response Ultra Low Dropout Linear Regulators
LP3882 TI1-LP3882 Datasheet
1Mb / 19P
1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3892 TI1-LP3892 Datasheet
1Mb / 18P
1.5A Fast-Response Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com