Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3882ES-1.5 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3882ES-1.5
Description  1.5A Fast-Response Ultra Low Dropout Linear
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3882ES-1.5 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP3882ES-1.5 Datasheet HTML 1Page - National Semiconductor (TI) LP3882ES-1.5 Datasheet HTML 2Page - National Semiconductor (TI) LP3882ES-1.5 Datasheet HTML 3Page - National Semiconductor (TI) LP3882ES-1.5 Datasheet HTML 4Page - National Semiconductor (TI) LP3882ES-1.5 Datasheet HTML 5Page - National Semiconductor (TI) LP3882ES-1.5 Datasheet HTML 6Page - National Semiconductor (TI) LP3882ES-1.5 Datasheet HTML 7Page - National Semiconductor (TI) LP3882ES-1.5 Datasheet HTML 8Page - National Semiconductor (TI) LP3882ES-1.5 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Ordering Information
Order Number
Package Type
Package Drawing
Supplied As
LP3882ES-1.2
TO263-5
TS5B
Rail
LP3882ESX-1.2
TO263-5
TS5B
Tape and Reel
LP3882ET-1.2
TO220-5
T05D
Rail
LP3882ES-1.5
TO263-5
TS5B
Rail
LP3882ESX-1.5
TO263-5
TS5B
Tape and Reel
LP3882ET-1.5
TO220-5
T05D
Rail
LP3882ES-1.8
TO263-5
TS5B
Rail
LP3882ESX-1.8
TO263-5
TS5B
Tape and Reel
LP3882ET-1.8
TO220-5
T05D
Rail
Block Diagram
20063224
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com