Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1111A Datasheet(PDF) 6 Page - ams AG

Part # AS1111A
Description  This document describes the AS1111A Evaluation Kit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1111A Datasheet(HTML) 6 Page - ams AG

Back Button AS1111A Datasheet HTML 2Page - ams AG AS1111A Datasheet HTML 3Page - ams AG AS1111A Datasheet HTML 4Page - ams AG AS1111A Datasheet HTML 5Page - ams AG AS1111A Datasheet HTML 6Page - ams AG AS1111A Datasheet HTML 7Page - ams AG AS1111A Datasheet HTML 8Page - ams AG AS1111A Datasheet HTML 9Page - ams AG AS1111A Datasheet HTML 10Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AS1111A Standard Board
ams Eval Kit Manual
Page 6
[v1-00] 2015-Jan-20
Document Feedback
5
Schematics, Layers and BOM
5.1
Schematic of AS1111A Evaluation Board
Figure 5: Schematic
1
1
2
2
3
3
4
4
D
D
C
C
B
B
A
A
Size
Date
Project Title
Revision
Sheet
of
Originator mkc
AS1111A Evalboard
A4
1.0
11.12.2013
3
3
GND
GND
J_EN
EN
GND
Rset
51k
Vset
J_Rset
Vset
1
2
J_D1
D1
1
2
J_D2
D3
VLED
VLED
VLED
VSET
GND
VLED1
Vset
GND
TP_EN
TP_GND
TP_VLED
TP_VSET
TP_GND1
D1
LED
D2
LED
CTRL
EN
VLED
GND
GND
C3
1µF
Vset
GND
C1
1µF
C2
1µF
VLED1
VLED1
VLED1
J1
AS1111A
LED Driver
EN
B1
CTRL
B3
U1
AS1111A
J_CTRL
CTRL



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com