Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1111C Datasheet(PDF) 6 Page - ams AG

Part # AS1111C
Description  This document describes the AS1111C Evaluation Kit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1111C Datasheet(HTML) 6 Page - ams AG

Back Button AS1111C Datasheet HTML 2Page - ams AG AS1111C Datasheet HTML 3Page - ams AG AS1111C Datasheet HTML 4Page - ams AG AS1111C Datasheet HTML 5Page - ams AG AS1111C Datasheet HTML 6Page - ams AG AS1111C Datasheet HTML 7Page - ams AG AS1111C Datasheet HTML 8Page - ams AG AS1111C Datasheet HTML 9Page - ams AG AS1111C Datasheet HTML 10Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AS1111C Standard Board
ams Eval Kit Manual
Page 6
[v1-00] 2015-Jan-20
Document Feedback
5
Schematics, Layers and BOM
5.1
Schematic of AS1111C Evaluation Board
Figure 5: Schematic
1
1
2
2
3
3
4
4
D
D
C
C
B
B
A
A
Size
Date
Project Title
Revision
Sheet
of
Originator mkc
AS1111C Evalboard
A4
1.0
02.08.2013
3
3
GND
GND
J_EN
EN
AS1111
LED Driver
EN
1
CTRL
7
U1
AS1111C
GND
0805
Rset
50k
Vset
J_CTRL
CTRL
J_Rset
Stipline2
Vset
1
2
J_D1
D1
1
2
J_D2
D2
1
2
J_D3
D3
1
2
J_D4
D4
VLED
VLED
VLED
VLED
VLED
VSET
GND
Banana_Socket_THMD
VLED1
Vset
GND
TP_EN
Testpoint
TP_GND
Testpoint
TP_VLED
Testpoint
TP_VSET
Testpoint
TP_GND1
Testpoint
D1
LED
D2
LED
D3
LED
D4
LED
CTRL
EN
VLED
GND
GND
16V
0603
C3
1µF
Vset
GND
16V
0603
C1
1µF
16V
0603
C2
1µF
VLED1
VLED1
VLED1
VLED1
VLED1
VLED1
J1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com