Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5502 Datasheet(PDF) 2 Page - Linear Technology

Part # LT5502
Description  400MHz Quadrature IF Demodulator with RSSI
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5502 Datasheet(HTML) 2 Page - Linear Technology

  LT5502 Datasheet HTML 1Page - Linear Technology LT5502 Datasheet HTML 2Page - Linear Technology LT5502 Datasheet HTML 3Page - Linear Technology LT5502 Datasheet HTML 4Page - Linear Technology LT5502 Datasheet HTML 5Page - Linear Technology LT5502 Datasheet HTML 6Page - Linear Technology LT5502 Datasheet HTML 7Page - Linear Technology LT5502 Datasheet HTML 8Page - Linear Technology LT5502 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT5502
2
Power Supply Voltage ............................................ 5.5V
LO Input Power .................................................. 10dBm
IF Input Power .................................................... 10dBm
Operating Ambient
Temperature (Note 2) ..............................–40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
Voltage on any Pin not to Exceed ............................. VCC
ORDER PART
NUMBER
TJMAX = 150°C, θJA = 85°C/W
LT5502EGN
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS V
CC = 3V, f2XLO = 570MHz, P2XLO = – 10dBm, f IF = 280MHz,
PIF = –50dBm, TA = 25°C, unless otherwise noted. (Note 3)
Consult factory for parts specified with wider operating temperature ranges.
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
GN PACKAGE
24-LEAD NARROW PLASTIC SSOP
24
23
22
21
20
19
18
17
16
15
14
13
QOUT
+
QOUT
–
VCC
GND
GND
2XLO+
2XLO–
VCC
VCC
RSSI
GND
IFt–
IOUT
+
IOUT
–
GND
VCC
GND
IF+
IF–
GND
GND
EN
STBY
IFt+
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IF Input
fIF
Frequency Range
70 to 400
MHz
3dB Limiting Sensitivity
–79
dBm
Noise Figure
Terminated 50
Ω Source
4
dB
DC Common Mode Voltage
2.6
V
Demodulator I/Q Output
I/Q Output Voltage Swing
Differential
850
mVP-P
I/Q Amplitude Mismatch
0.1
0.7
dB
I/Q Phase Mismatch
0.6
DEG
Output Driving Capability
Differential; CMAX = 10pF
1.5
k
Ω
DC Common Mode Voltage
1.84
V
RSSI
Linear Dynamic Range (Note 4)
±3dB Linearity Error
90
dB
Output Impedance
3.8
k
Ω
Output Voltage
Input = – 70dBm
0.27
0.41
0.54
V
Output Voltage
Input = 0dBm
0.8
1.01
1.2
V
Output Voltage Slope
Input from –70dBm to 0dBm
8.7
mV/dB
Linearity Error
Input from –70dBm to 0dBm
1
dB
Baseband Lowpass Filter
3dB Cutoff Frequency
7.7
MHz
Group Delay Ripple
16.4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com