Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI64-A7T Datasheet(PDF) 21 Page - STMicroelectronics

Part # LRI64-A7T
Description  Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-A7T Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LRI64-A7T Datasheet HTML 17Page - STMicroelectronics LRI64-A7T Datasheet HTML 18Page - STMicroelectronics LRI64-A7T Datasheet HTML 19Page - STMicroelectronics LRI64-A7T Datasheet HTML 20Page - STMicroelectronics LRI64-A7T Datasheet HTML 21Page - STMicroelectronics LRI64-A7T Datasheet HTML 22Page - STMicroelectronics LRI64-A7T Datasheet HTML 23Page - STMicroelectronics LRI64-A7T Datasheet HTML 24Page - STMicroelectronics LRI64-A7T Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
21/38
LRI64
Stay Quiet
The Stay Quiet Command is always executed in
Addressed Mode (the Address_Flag is set to 1).
The Request Frame (Figure 25.) contains:
–
Request Flags (22h, as described in Table 3.
and Table 4.)
–
Stay Quiet Command Code (02h, Table 9.)
–
Unique ID
–
2-byte CRC (Figure 16.)
When receiving the Stay Quiet command, the
LRI64 enters the Quiet State and does not send
back a Response. There is no response to the
Stay Quiet Command.
When in the Quiet State:
–
the LRI64 does not process any Request in
which the Inventory_flag is set
–
the LRI64 responds to commands in the
Addressed mode if the UID matches
The LRI64 exits the Quiet State when it is taken to
the Power Off state (Figure 20.).
Figure 25. Stay Quiet, Request Frame Format
Figure 26. Stay Quiet Frame Exchange between VCD and LRI64
AI09731
Request
SOF
Request
Flags
Command
Code
2-Byte
CRC
Request
EOF
8 bits
22h
8 bits
02h
16 bits
UID
64 bits
AI06842
VCD
SOF
Stay Quiet
Request
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com