Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22H165 Datasheet(PDF) 21 Page - STMicroelectronics

Part # A22H165
Description  High-performance class-G stereo headphone amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A22H165 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button A22H165 Datasheet HTML 17Page - STMicroelectronics A22H165 Datasheet HTML 18Page - STMicroelectronics A22H165 Datasheet HTML 19Page - STMicroelectronics A22H165 Datasheet HTML 20Page - STMicroelectronics A22H165 Datasheet HTML 21Page - STMicroelectronics A22H165 Datasheet HTML 22Page - STMicroelectronics A22H165 Datasheet HTML 23Page - STMicroelectronics A22H165 Datasheet HTML 24Page - STMicroelectronics A22H165 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
DocID026036 Rev 1
21/36
A22H165
Electrical characteristics
36
Figure 60. CMRR vs. frequency, 32
,
VCC =36V, 0 dB
Figure 61. CMRR vs. frequency, 32
,
VCC =36V, 6 dB
Figure 62. Wake-up time
Figure 63. Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com