Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS30BL Datasheet(PDF) 3 Page - STMicroelectronics

Part # CS30BL
Description  High side current sense high voltage op amp
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CS30BL Datasheet(HTML) 3 Page - STMicroelectronics

  CS30BL Datasheet HTML 1Page - STMicroelectronics CS30BL Datasheet HTML 2Page - STMicroelectronics CS30BL Datasheet HTML 3Page - STMicroelectronics CS30BL Datasheet HTML 4Page - STMicroelectronics CS30BL Datasheet HTML 5Page - STMicroelectronics CS30BL Datasheet HTML 6Page - STMicroelectronics CS30BL Datasheet HTML 7Page - STMicroelectronics CS30BL Datasheet HTML 8Page - STMicroelectronics CS30BL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DocID026040 Rev 1
3/18
CS30
Application schematic and pin description
18
1
Application schematic and pin description
The CS30 high-side current sense amplifier features a 2.8 to 30 V input common-mode
range that is independent of the supply voltage. The main advantage of this feature is that it
allows high-side current sensing at voltages much greater than the supply voltage (VCC).
Figure 1. Application schematic
Table 2 describes the function of each pin. The pin positions are shown in the illustration on
the cover page and in Figure 1 above.
Table 2. Pin description
Symbol
Type
Function
Out
Analog output
Output voltage, proportional to the magnitude of the sense voltage
Vp-Vm.
Gnd
Power supply
Ground line
VCC
Power supply
Positive power supply line
Vp
Analog input
Connection for the external sense resistor. The measured current
enters the shunt on the Vp side.
Vm
Analog input
Connection for the external sense resistor. The measured current
exits the shunt on the Vm side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com