Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX321 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LMX321
Description  No crossover distortion
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMX321 Datasheet(HTML) 5 Page - STMicroelectronics

  LMX321 Datasheet HTML 1Page - STMicroelectronics LMX321 Datasheet HTML 2Page - STMicroelectronics LMX321 Datasheet HTML 3Page - STMicroelectronics LMX321 Datasheet HTML 4Page - STMicroelectronics LMX321 Datasheet HTML 5Page - STMicroelectronics LMX321 Datasheet HTML 6Page - STMicroelectronics LMX321 Datasheet HTML 7Page - STMicroelectronics LMX321 Datasheet HTML 8Page - STMicroelectronics LMX321 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
DocID022943 Rev 3
5/25
LMX321, LMX358, LMX324
Electrical characteristics
3
Electrical characteristics
Table 4. Electrical characteristics at VCC+ = 2.7 V with VCC- = 0 V, Vicm = VCC/2, Tamb = 25° C, and
RL connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
4
mV
-40 °C < T< 125 °C
6
ΔVio/ΔT Input offset voltage drift(1)
-40 °C < T< 125 °C
1
μV/°C
Iio
Input offset current
Vout = Vcc/2
0.5
30
nA
-40 °C < T< 125 °C
50
Iib
Input bias current
Vout = Vcc/2
27
60
-40 °C < T< 125 °C
110
CMR
Common mode rejection ratio
20 log (
ΔVicm/ΔVio)
Vic = 0 V to Vcc-1 V,
Vout = Vcc/2
70
75
dB
-40 °C < T< 125 °C
68
Avd
Large signal voltage gain
RL = 10 kΩ,
Vout = 0.5 V to (Vcc-0.5 V)
100
110
-40 °C < T< 125 °C
90
RL = 2 kΩ,
Vout = 0.5 V to (Vcc-0.5 V)
90
100
-40 °C < T< 125 °C
80
VCC-VOH High level output voltage
RL = 10 kΩ,
10
100
mV
-40 °C < T< 125 °C
200
RL = 2 kΩ
40
300
-40 °C < T< 125 °C
400
VOL
Low level output voltage
RL = 10 kΩ,
65
180
-40 °C < T< 125 °C
280
RL = 2 kΩ,
120
300
-40 °C < T< 125 °C
400
Iout
Isink
Vout = Vcc, Vid = -1 V
15
26
mA
-40 °C < T< 125 °C
15
Isource
Vout = 0 V, Vid = 1 V
15
21
-40 °C < T< 125 °C
12
ICC
Supply current (per channel)
No load, Vout = VCC/2
120
180
µA
-40 °C < T< 125 °C
180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com