Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OA4MPA Datasheet(PDF) 18 Page - STMicroelectronics

Part # OA4MPA
Description  Medical instrumentation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OA4MPA Datasheet(HTML) 18 Page - STMicroelectronics

Back Button OA4MPA Datasheet HTML 14Page - STMicroelectronics OA4MPA Datasheet HTML 15Page - STMicroelectronics OA4MPA Datasheet HTML 16Page - STMicroelectronics OA4MPA Datasheet HTML 17Page - STMicroelectronics OA4MPA Datasheet HTML 18Page - STMicroelectronics OA4MPA Datasheet HTML 19Page - STMicroelectronics OA4MPA Datasheet HTML 20Page - STMicroelectronics OA4MPA Datasheet HTML 21Page - STMicroelectronics OA4MPA Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Application information
OA1MPA, OA2MPA, OA4MPA
18/28
DocID025992 Rev 1
Equation 5
To evaluate the op amp reliability, a follower stress condition is used where VCC is defined
as a function of the maximum operating voltage and the absolute maximum rating (as
recommended by JEDEC rules).
The Vio drift (in µV) of the product after 1000 h of stress is tracked with parameters at
different measurement conditions (see Equation 6).
Equation 6
The long term drift parameter (Vio), estimating the reliability performance of the product, is
obtained using the ratio of the Vio (input offset voltage value) drift over the square root of the
calculated number of months (Equation 7).
Equation 7
where Vio drift is the measured drift value in the specified test conditions after 1000 h stress
duration.
Months
A
F
1000 h
12 months
24 h
365.25 days

=
V
CC
maxV
op with Vicm
V
CC 2
==
V
io
V
iodrift
months

------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com