Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC75D1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M54HC75D1
Description  RAD HARD 4 BIT D TYPE LATCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC75D1 Datasheet(HTML) 2 Page - STMicroelectronics

  M54HC75D1 Datasheet HTML 1Page - STMicroelectronics M54HC75D1 Datasheet HTML 2Page - STMicroelectronics M54HC75D1 Datasheet HTML 3Page - STMicroelectronics M54HC75D1 Datasheet HTML 4Page - STMicroelectronics M54HC75D1 Datasheet HTML 5Page - STMicroelectronics M54HC75D1 Datasheet HTML 6Page - STMicroelectronics M54HC75D1 Datasheet HTML 7Page - STMicroelectronics M54HC75D1 Datasheet HTML 8Page - STMicroelectronics M54HC75D1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
M54HC75
2/10
Figure 1: IEC Logic Symbols
Figure 2: Input And Output Equivalent Circuit
Table 1: Pin Description
Table 2: Truth Table
PIN N°
SYMBOL
NAME AND FUNCTION
1, 14, 11, 8
1Q to 4Q
Complementary Latch
Outputs
2, 3, 6, 7
1D to 4D
Data Inputs
4G3
• 4
Latch Enable Input,
latches 3 and 4
13
G1
• 2
Latch Enable Input,
latches 1 and 2
16, 15, 10, 9
1Q to 4Q
Latch Outputs
12
GND
Ground (0V)
5
VCC
Positive Supply Voltage
INPUTS
OUTPUTS
FUNCTION
D
GQQ
LHLH
HHH
L
XL
Qn
QnLATCH



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com