Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC75K1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC75K1
Description  RAD HARD 4 BIT D TYPE LATCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC75K1 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC75K1 Datasheet HTML 1Page - STMicroelectronics M54HC75K1 Datasheet HTML 2Page - STMicroelectronics M54HC75K1 Datasheet HTML 3Page - STMicroelectronics M54HC75K1 Datasheet HTML 4Page - STMicroelectronics M54HC75K1 Datasheet HTML 5Page - STMicroelectronics M54HC75K1 Datasheet HTML 6Page - STMicroelectronics M54HC75K1 Datasheet HTML 7Page - STMicroelectronics M54HC75K1 Datasheet HTML 8Page - STMicroelectronics M54HC75K1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
June 2004
s
HIGH SPEED:
tPD = 11ns (TYP.) at VCC =6V
s
LOW POWER DISSIPATION:
ICC =2µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 75
s
SPACE GRADE-1: ESA SCC QUALIFIED
s
50 krad QUALIFIED, 100 krad AVAILABLE ON
REQUEST
s
NO SEL UNDER HIGH LET HEAVY IONS
IRRADIATION
s
DEVICE FULLY COMPLIANT WITH
SCC-9203-065
DESCRIPTION
The M54HC75 is an high speed CMOS 4 BIT D
TYPE LATCH fabricated with silicon gate C2MOS
technology.
It contains two groups of 2 bit latches controlled by
an enable input (G1
•2or G3•4). These two latch
groups can be used in different circuits. Each latch
has Q and Q outputs (1Q - 4Q and 1Q - 4Q). The
data applied to the data input is transferred to the
Qand Q outputs when the enable input is taken
high and the outputs will follow the data input as
long as the enable input is kept high. When the
enable input is taken low, the information data
applied to the data input is retained at the outputs.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M54HC75
RAD HARD 4 BIT D TYPE LATCH
PIN CONNECTION
ORDER CODES
PACKAGE
FM
EM
DILC
M54HC75D
M54HC75D1
FPC
M54HC75K
M54HC75K1
DILC-16
FPC-16
Rev. 1


Similar Part No. - M54HC75K1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC75K STMICROELECTRONICS-M54HC75K Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
More results

Similar Description - M54HC75K1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC77 STMICROELECTRONICS-M54HC77 Datasheet
241Kb / 10P
4-BIT D-TYPE LATCH
Oct-1992
M54HCT75 STMICROELECTRONICS-M54HCT75 Datasheet
239Kb / 9P
4 BIT D TYPE LATCH
Jan-1993
M54HC4514 STMICROELECTRONICS-M54HC4514 Datasheet
316Kb / 10P
RAD-HARD 4 TO 16 LINE DECODER/LATCH
14-May-2004
M54HC373 STMICROELECTRONICS-M54HC373_04 Datasheet
295Kb / 11P
RAD-HARD OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
10-May-2004
M54HC573 STMICROELECTRONICS-M54HC573_04 Datasheet
303Kb / 12P
RAD-HARD OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
14-May-2004
M54HC597 STMICROELECTRONICS-M54HC597_04 Datasheet
513Kb / 14P
RAD-HARD 8 BIT LATCH/SHIFT REGISTER
01-Jun-2004
M54HC160 STMICROELECTRONICS-M54HC160_04 Datasheet
663Kb / 12P
RAD-HARD SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Mar-2004
M54HC161 STMICROELECTRONICS-M54HC161_04 Datasheet
652Kb / 12P
RAD-HARD SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Mar-2004
M54HC163 STMICROELECTRONICS-M54HC163_04 Datasheet
643Kb / 12P
RAD-HARD SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Mar-2004
M54HC85 STMICROELECTRONICS-M54HC85_04 Datasheet
302Kb / 10P
RAD HARD 4-BIT MAGNITUDE COMPARATOR
01-Jun-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com