Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI64-A7T/XXX Datasheet(PDF) 7 Page - STMicroelectronics

Part # LRI64-A7T/XXX
Description  Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-A7T/XXX Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LRI64-A7T/XXX Datasheet HTML 3Page - STMicroelectronics LRI64-A7T/XXX Datasheet HTML 4Page - STMicroelectronics LRI64-A7T/XXX Datasheet HTML 5Page - STMicroelectronics LRI64-A7T/XXX Datasheet HTML 6Page - STMicroelectronics LRI64-A7T/XXX Datasheet HTML 7Page - STMicroelectronics LRI64-A7T/XXX Datasheet HTML 8Page - STMicroelectronics LRI64-A7T/XXX Datasheet HTML 9Page - STMicroelectronics LRI64-A7T/XXX Datasheet HTML 10Page - STMicroelectronics LRI64-A7T/XXX Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
7/38
LRI64
COMMUNICATION SIGNAL FROM VCD TO LRI64
Communications between the VCD and the LRI64
involves a type of Amplitude Modulation called
Amplitude Shift Keying (ASK).
The LRI64 only supports the 10% modulation
mode specified in ISO 15693 and ISO 18000-3
Mode 1 standards. Any request that the VCD
might send using the 100% modulation mode, is
ignored, and the LRI64 remains in its current state.
However, the LRI64 is, in fact, operational for any
degree of modulation index from between 10%
and 30%.
The modulation index is defined as (a-b)/(a+b)
where a and b are the peak and minimum signal
amplitude, respectively, of the carrier frequency,
as shown in Figure 5.
Table 2. 10% Modulation Parameters
Figure 5. 10% Modulation Waveform
Figure 6. “1-out-of-4” Coding Example
Parameter
Min
Max
hr
–
0.1 x (a-b)
hf
–
0.1 x (a-b)
AI06655B
tRFF
tRFSFL
tRFR
hr
hf
ab
t
AI06659B
75.52 µs
75.52 µs
75.52 µs
75.52 µs
00
10
01
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com