Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR7535 Datasheet(PDF) 2 Page - International Rectifier

Part # MBR7535
Description  SCHOTTKY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBR7535 Datasheet(HTML) 2 Page - International Rectifier

  MBR7535 Datasheet HTML 1Page - International Rectifier MBR7535 Datasheet HTML 2Page - International Rectifier MBR7535 Datasheet HTML 3Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR7535, MBR7545
Bulletin PD-2.326 rev. B 11/02
2
www.irf.com
Part number
MBR7535
MBR7545
V
R
Max. DC Reverse Voltage (V)
V
RWM
Max. Working Peak Reverse Voltage (V)
35
45
Voltage Ratings
V
FM
Max. Forward Voltage Drop(1)
0.60
V
@ 60A
0.90
V
@ 220A
I
RM
Max. Instantaneus Reverse Current (1)
150
mA
T
J
= 125 °C
C
T
Max. Junction Capacitance
4000
pF
V
R
= 5V
DC
, (test signal range 100Khz to 1Mhz) 25°C
L
S
Typical Series Inductance
7.5
nH
Measured from top of terminal to mounting plane
dv/dt Max. Voltage Rate of Change
10000
V/ µs
(Rated V
R
)
Electrical Specifications
Parameters
MBR75.. Units
Conditions
T
J
= 125 °C
Rated DC voltage
(1) Pulse Width < 300µs, Duty Cycle <2%
Thermal-Mechanical Specifications
Parameters
MBR75.. Units
Conditions
Kg-cm
(Ibf-in)
* For Additional Informations and Graphs, Please See the 75HQ Series
T
J
Max. Junction Temperature Range
-65 to 150
°C
T
stg
Max. Storage Temperature Range
-65 to 150
°C
R
thJC
Max. Thermal Resistance Junction
0.83
°C/W DC operation
to Case
R
thCS
Typical Thermal Resistance, Case
0.25
°C/W Mounting surface, smooth and greased
to Heatsink
wt
Approximate Weight
15 (0.53)
g (oz.)
T
MountingTorque
Min.
23 (20)
Max.
46 (40)
CaseStyle
DO-203AB(DO-5) JEDEC
I
F(AV)
Max. Average Forward Current
70
@ T
C
= 90 °C, rectangular wave form
I
FSM
Max. Peak One Cycle Non-Repetitive
9000
5µs Sine or 3µs Rect. pulse
Surge Current
1000
Surge applied at rated load condition
halfwave single phase 60Hz
Absolute Maximum Ratings
A
Following any rated
load condition and
with rated V
RRM
applied
Parameters
MBR75.. Units
Conditions
A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com