Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF50 Datasheet(PDF) 1 Page - General Semiconductor

Part # MBRF50
Description  SCHOTTKY ISOLATED PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

MBRF50 Datasheet(HTML) 1 Page - General Semiconductor

  MBRF50 Datasheet HTML 1Page - General Semiconductor MBRF50 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBRF735 THRU MBRF760
SCHOTTKY ISOLATED PLASTIC RECTIFIER
Reverse Voltage - 35 to 60 Volts
Forward Current - 7.5 Amperes
FEATURES
¨ Isolated plastic package has Underwriters Laboratory
Flammability Classifications 94V-0
¨ Metal to silicon rectifier,
majority carrier conduction
¨ Low power loss, high efficiency
¨ High current capability, low forward
voltage drop
¨ High surge capability
¨ For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
¨ Guardring for overvoltage protection
¨ High temperature soldering guaranteed:
250¡C/10 seconds, 0.25" (6.35mm) from case
MECHANICAL DATA
Case: JEDEC ITO-220AC fully overmolded plastic body
Terminals: Lead solderable per MIL-STD-750, Method 2026
Polarity: As marked
Mounting Position: Any
Mounting Torque: 5 in. - lbs. max.
Weight: 0.08 ounces, 2.24 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25¡C ambient temperature unless otherwise specified.
SYMBOLS
MBRF735
MBRF745
MBRF50
MBRF760
UNITS
Maximum repetitive peak reverse voltage
VRRM
35
45
50
60
Volts
Maximum working peak reverse voltage
VRWM
35
45
50
60
Volts
Maximum DC blocking voltage
VDC
35
45
50
60
Volts
Maximum average forward rectified current (SEE FIG 1)
I(AV)
7.5
Amps
Peak repetitive forward current (square wave, 20 KHZ)
at TC=105¡C
IFRM
15.0
Amps
Peak forward surge current, 8.3ms single half sine-
wave superimposed on rated load (JEDEC Method)
IFSM
150.0
Amps
Peak repetitive reverse surge current (NOTE 1)
IRRM
1.0
0.5
Amps
Maximum instantaneous
IF=7.5A, TC=25¡C
-
0.75
forward voltage at
IF=7.5A, TC=125¡C
VF
0.57
0.65
Volts
(NOTE 2)
IF=15A, TC=25¡C
0.84
-
IF=15A, TC=125¡C
0.72
-
Maximum instantaneous reverse current at
rated DC blocking voltage
TC=25¡C
IR
0.1
0.5
mA
(NOTE 1)
TC=125¡C
15.0
1000
Voltage rate of change (rated VR)
dv/dt
10,000
1000
V/
ms
Maximum thermal resistance, (NOTE 3)
RQJC
5.0
¡C/W
Operating junction temperature range
TJ
-65 to +150
¡C
Storage temperature range
TSTG
-65 to +175
¡C
RMS Isolation voltage from terminals to heatsink
4500 (NOTE 4)
with RH ² 30%
VISOL
3500 (NOTE 5)
Volts
1500 (NOTE 6)
NOTES: (1) 2.0
ms, pulse width, f=1.0 KHZ
(2) Pulse test: 300
ms pulse width, 1% duty cycle
(3) Thermal resistance from junction to case and/or thermal resistance from junction to ambient
(4) Clip mounting (on case), where lead does not overlap heatsink with 0.110Ó offset.
(5) Clip mounting (on case), where leads do overlap heatsink.
(6) Screw mounting with 4-40 screw, where washer diameter is
£ 4.9 mm (0.19Ó).
Dimensions in inches and (millimeters)
0.060 (1.52)
0.405 (10.27)
0.383 (9.72)
0.676 (17.2)
0.646 (16.4)
0.191 (4.85)
0.171 (4.35)
0.600 (15.5)
0.580 (14.5)
0.560 (14.22)
0.530 (13.46)
0.037 (0.94)
0.027 (0.69)
0.140 (3.56)
0.130 (3.30)
0.350 (8.89)
0.330 (8.38)
0.188 (4.77)
0.172 (4.36)
0.110 (2.80)
0.100 (2.54)
0.131 (3.39)
0.122 (3.08)
0.110 (2.80)
0.100 (2.54)
0.022 (0.55)
0.014 (0.36)
0.205 (5.20)
0.195 (4.95)
PIN 1
PIN 2
12
PIN
DIA.
DIA.
NEW PRODUCT
NEW PRODUCT
NEW PRODUCT
2/18/99
ITO-220AC


Similar Part No. - MBRF50

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
MBRF500100 GENESIC-MBRF500100 Datasheet
467Kb / 3P
Silicon Power Schottky Diode
MBRF500100R GENESIC-MBRF500100R Datasheet
467Kb / 3P
High Surge Capability
MBRF500150 GENESIC-MBRF500150 Datasheet
478Kb / 3P
Silicon Power Schottky Diode
MBRF500150R GENESIC-MBRF500150R Datasheet
478Kb / 3P
Silicon Power Schottky Diode
logo
TRANSYS Electronics Lim...
MBRF50020 TEL-MBRF50020 Datasheet
123Kb / 2P
SCHOTTKY DIODES MODULE TYPE 500A
More results

Similar Description - MBRF50

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRF1035 GE-MBRF1035 Datasheet
105Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
MBRF1535CT GE-MBRF1535CT Datasheet
118Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
MBRF1635 GE-MBRF1635 Datasheet
114Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
MBRF1635 GE-MBRF1635 Datasheet
114Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
MBRF2035CT GE-MBRF2035CT Datasheet
124Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
MBRF2535CT GE-MBRF2535CT Datasheet
117Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
SBLF1030 GE-SBLF1030 Datasheet
110Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
SBLF1030CT GE-SBLF1030CT Datasheet
113Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
SBLF2030CT GE-SBLF2030CT Datasheet
113Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
logo
Kersemi Electronic Co.,...
MBRF760 KERSEMI-MBRF760 Datasheet
121Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com