Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB2090CT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MBRB2090CT
Description  Dual High-Voltage Schottky Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRB2090CT Datasheet(HTML) 3 Page - Vishay Siliconix

  MBRB2090CT Datasheet HTML 1Page - Vishay Siliconix MBRB2090CT Datasheet HTML 2Page - Vishay Siliconix MBRB2090CT Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MBR20100CT, MBRF20100CT & MBRB20100CT Series
Vishay Semiconductors
formerly General Semiconductor
Document Number 88672
www.vishay.com
02-Jul-02
3
0
0.2
0.1
0.5
1.0
0.4
0.3
5.0
50
20
10
0.5
1.0
3.0
0
4
8
12
20
0
50
100
150
16
0.6
0.7
0.8
0.5
0.9
1.0
10
0.01
0.1
0.01
110
100
10
100
0.1
0.1
1
40
60
100
80
140
120
160
110
100
0
20
100
40
60
80
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com